Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 12Page - STMicroelectronics STPMIC25APQR Datasheet HTML 13Page - STMicroelectronics STPMIC25APQR Datasheet HTML 14Page - STMicroelectronics STPMIC25APQR Datasheet HTML 15Page - STMicroelectronics STPMIC25APQR Datasheet HTML 16Page - STMicroelectronics STPMIC25APQR Datasheet HTML 17Page - STMicroelectronics STPMIC25APQR Datasheet HTML 18Page - STMicroelectronics STPMIC25APQR Datasheet HTML 19Page - STMicroelectronics STPMIC25APQR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 145 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tSDLDO-SS
Shutdown duration
Pull-down enabled,
VLDOOUT = VREFDDR to VLDOOUT = 0.2 V, ILDOOUT = no
load
1.5
ms
LDO3 bypass mode (lpDDR VDD1 supply)
VLDOIN = 1.8 V, VLDOOUT = ~1.8 V, Tj = -40 °C to +125 °C, recommended BOM, unless otherwise specified
VLDOIN-BP
Input voltage range
1.7
2
V
ILDOOUT-BP
Continuous output current
1.7 V < VLDOIN < 2 V
(no overcurrent protection in bypass mode TBV)
80
mA
RDSONLDO-BP
Bypass on resistance
1.7 V < VLDOIN < 2 V, ILDOOUT = 40 mA
360
mΩ
tSSLDO-BP
Soft-start duration
1.7 V < VLDOIN < 2 V, 0 < ILDOOUT < 1 mA
COUT = 4.7 µF,
100
µs
tSDLDO-BP
Shutdown duration
Pull-down enabled, VLDOOUT = 1.8 V to VLDOOUT = 0.2 V,
ILDOOUT = no load
1.5
ms
3.4.7
LDO4
Table 13. Electrical and timing parameter specifications (LDO4)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
LDO4
VLDOIN
Main input voltage range
VLDOIN from VIN or VBUS pins
2.8
5.5
V
VLDOOUT-ACC Output voltage accuracy
VLDOIN = 3.6 V to 5.0 V
100 µA < ILDOOUT < 30 mA
3.23 3.3
3.40
ILDOLIM
Output current limitation
VLDOIN = 3.6 V to 5.5 V
40
80
mA
ILDOQ
Quiescent current
ILDOOUT = 0 mA
20
25
µA
VLDODROP
Dropout voltage from VIN
pin
ILDOOUT = 30 mA
45
90
mV
VLDOOUT-LO Load transient regulation ILDOOUT = 1 to 30 mA, tR = tF = 1 µs
40
VLDOOUT-LI
Line transient regulation
VIN = 3.6 V, VBUS = from 0 V to 5 V (internal mux), ILDOOUT = 10 mA
10
PSRRLDO
Power supply rejection
ratio
ΔVLDOIN = 300 mVPP, f = [0.1:20] kHz, Tj = 25 °C, ILDOOUT = 25 mA
55
dB
ΔVLDOIN = 300 mVPP, f = [20:100] kHz, Tj = 25 °C, ILDOOUT = 25 mA
40
tSSLDO
Soft-start duration
3.6 V < VLDOIN < 5.5 V, 0 < ILDOOUT < 1 mA, COUT = 4.7 µF
100
µs
VLDOOUT-SO Startup overshoot
3.6 V < VLDOIN < 5.5 V, ILDOOUT < 10 µA
1
%
tSDLDO
Shutdown duration
Pull-down enabled, VLDOOUT = 3.3 V to VLDOOUT = 0.2 V, ILDOOUT = no
load
1.5
ms
STPMIC25
Electrical and timing characteristics
DS14278 - Rev 3
page 16/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com