Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet(PDF) 41 Page - STMicroelectronics

Part # STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 37Page - STMicroelectronics STPMIC25APQR Datasheet HTML 38Page - STMicroelectronics STPMIC25APQR Datasheet HTML 39Page - STMicroelectronics STPMIC25APQR Datasheet HTML 40Page - STMicroelectronics STPMIC25APQR Datasheet HTML 41Page - STMicroelectronics STPMIC25APQR Datasheet HTML 42Page - STMicroelectronics STPMIC25APQR Datasheet HTML 43Page - STMicroelectronics STPMIC25APQR Datasheet HTML 44Page - STMicroelectronics STPMIC25APQR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 145 page
background image
5.2
POWER_UP / POWER_DOWN sequence
The PMIC starts and stops regulators following sequential rank procedures called POWER_UP and
POWER_DOWN, respectively.
During POWER_UP each regulator is started at one of the 6-rank phases programmed in the NVM. Each rank
phase is separated by a delay (1.5 ms, 3 ms, 4.5 ms, and 6 ms) programmed in the NVM.
An additional delay can be programmed in the NVM to release the RSTn signal later than last rank phase. This
delay is also applied after the Turn_OFF condition, in between RSTn signal assertion and when the first regulator
is powered off (RANK0).
The default rank sequence for each regulator, default output voltage of each regulator, default rank duration, and
additional RSTn default delays are predefined in the NVM. Those values can be adapted by reprogramming the
PMIC NVM with expected values.
Figure 11. PMIC POWER_UP and POWER_DOWN sequence example
For RANK_DLY and RST_DLY, see Table 91
Note:
RANK0 means that the regulator is not turned ON.
5.2.1
OFF and CHECK&LOAD:
The PMIC is initially in the OFF state. The RSTn pin is asserted by the PMIC. Once a Turn_ON condition occurs,
the PMIC goes into the CHECK&LOAD state. As the turn-ON condition is valid (for example: VIN > VINOK) the
PMIC goes into the POWER_UP state.
5.2.2
POWER_UP:
In the POWER_UP state, RSTn is kept asserted by the PMIC.
The PMIC enables regulators sequentially by 1.5 ms slots (according to the default rank sequence and default
output voltage defined in the NVM).
For example (see Figure 11:
RANK1 (LDO1) then RANK2 (BUCK4) then RANK3 (BUCK2) then RANK4 (BUCK1) then RANK5 (LDO4).
Once the RANK5 ends, the PMIC releases RSTn and then it goes into the POWER_ON state.
Note:
Regulator RANK0 (BUCK6 in this example) is not turned ON automatically.
5.2.3
POWER_ON:
In the POWER_ON state, all regulators are managed by the application processor’s software (I²C control) or by
the PWRCTRL pin (see Section 5.3.5). In the example of Figure 11 BUCK6 is enabled by the AP’s software at
runtime.
STPMIC25
Feature descriptions
DS14278 - Rev 3
page 41/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com