Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25APQR Datasheet(PDF) 58 Page - STMicroelectronics

Part # STPMIC25APQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25APQR Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STPMIC25APQR Datasheet HTML 54Page - STMicroelectronics STPMIC25APQR Datasheet HTML 55Page - STMicroelectronics STPMIC25APQR Datasheet HTML 56Page - STMicroelectronics STPMIC25APQR Datasheet HTML 57Page - STMicroelectronics STPMIC25APQR Datasheet HTML 58Page - STMicroelectronics STPMIC25APQR Datasheet HTML 59Page - STMicroelectronics STPMIC25APQR Datasheet HTML 60Page - STMicroelectronics STPMIC25APQR Datasheet HTML 61Page - STMicroelectronics STPMIC25APQR Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 145 page
background image
Figure 21. I²C write operation
5.5.2
Non-volatile memory (NVM)
The PMIC's built-in non-volatile memory provides a high flexibility to support a wide range of applications.
Its write management through I²C allows for the customization of the PMIC directly in final applications during
product development and mass production.
The NVM read operation is performed automatically in the INIT&LOAD state and in the CHECK&LOAD state to
set control registers with default values and configure the POWER_UP and POWER_DOWN sequence.
The NVM write operation can be performed several times (NVMEND cycles max) during application development
debugging procedures. Once the final settings have been defined, these can be written in the NVM content of
each part mounted on the customer application that is written in the production line under a controlled
environment.
In addition, the PMIC supports the NVM CRC check (or checksum) to guarantee its content integrity. The CRC is
computed by the PMIC during an NVM write operation. After the NVM write, the user reads back the NVM content
to check that the content is OK (and implicitly that the computed CRC is valid). Then, each time the PMIC reads
the NVM (in the INIT&LOAD and in the CHECK&LOAD states) if the CRC is not OK, the PMIC does not start up.
5.5.2.1
NVM read operation
The NVM read operation is fully managed by the PMIC.
For each read operation, the PMIC automatically loads the NVM content into NVM shadow registers. It means
that shadow register content is a copy of NVM content.
When the PMIC power supply is connected (VIN > VINPOR_Rise), the PMIC state machine goes into the
INIT&LOAD state (see Section 5.1). In this state, an NVM read operation is performed to check if the PMIC can
start up automatically, depending on the AUTO_TURN_ON NVM bit value.
If the AUTO_TURN_ON bit is not set, the PMIC goes into the OFF state; or, the PMIC goes into the
CHECK&LOAD state and continues to POWER_UP automatically.
Before each POWER_UP sequence, the NVM read operation is performed in the CHECK&LOAD state. NVM
content is loaded into shadow registers and NVM content integrity is checked with CRC. Additionally, the PMIC
initializes BUCK and LDO control registers with values predefined in the NVM and it configures the POWER_UP
and POWER_DOWN sequence of regulators.
STPMIC25
Feature descriptions
DS14278 - Rev 3
page 58/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com