Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2120L-S08-R Datasheet (PDF) - Unisonic Technologies

M2120L-S08-R Datasheet PDF - Unisonic Technologies
Part # M2120L-S08-R
Download  M2120L-S08-R Download
File Size   388.63 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description OPERATIONAL AMPLIFIER WITH SWITCH

M2120L-S08-R Datasheet (PDF)

Go To PDF Page Download Datasheet
M2120L-S08-R Datasheet PDF - Unisonic Technologies

Part # M2120L-S08-R
Download  M2120L-S08-R Click to download

File Size   388.63 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description OPERATIONAL AMPLIFIER WITH SWITCH

M2120L-S08-R Datasheet (HTML) - Unisonic Technologies


M2120L-S08-R Product details

 DESCRIPTION
The UTC M2120 is a dual operational amplifier of 2-INPUT and
1-OUTPUT with analog switch. The UTC M2120 can be used as
analog switch, as Switch + Amp in order that each gain (A or B)
can be adjusted independently.
The UTC M2120 is suitable for Audio, Video, Electrical musical
instrument…etc.

 FEATURES
* Analog Switch Function
* Operating Voltage: ±2.5V ~ ±18V
* Slew Rate: 1.2V/µs typ.
* Wide Unity Gain Bandwidth: 3.5 MHz typ.




Similar Part No. - M2120L-S08-R

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M2120-2545-AL RAF-M2120-2545-AL Datasheet
82Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2120-2545-SS RAF-M2120-2545-SS Datasheet
82Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2120-3005-AL RAF-M2120-3005-AL Datasheet
87Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2120-3005-S RAF-M2120-3005-S Datasheet
87Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2120-3005-SS RAF-M2120-3005-SS Datasheet
87Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
More results


Similar Description - M2120L-S08-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2121 NJRC-NJM2121 Datasheet
266Kb / 7P
HIGH SPEED OPERATIONAL AMPLIFIER WITH SWITCH
NJM2123 NJRC-NJM2123 Datasheet
362Kb / 9P
DUAL OPERATIONAL AMPLIFIER WITH SWITCH?
logo
National Semiconductor ...
LMV111 NSC-LMV111 Datasheet
337Kb / 9P
Operational Amplifier with Bias Network
logo
New Japan Radio
NJM2172 NJRC-NJM2172 Datasheet
206Kb / 16P
OPERATIONAL AMPLIFIER WITH EVR
logo
Rohm
BA3131FS ROHM-BA3131FS_1 Datasheet
221Kb / 6P
3 Dual operational amplifier with switch for car audio systems
logo
Linear Technology
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8543 SGMICRO-SGM8543 Datasheet
383Kb / 12P
Operational Amplifier with Shutdown
SGM8924A SGMICRO-SGM8924A Datasheet
293Kb / 8P
Operational Amplifier with Shutdown
logo
Texas Instruments
OPA322 TI1-OPA322_16 Datasheet
1Mb / 38P
CMOS Operational Amplifier with Shutdown
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
CMOS Operational Amplifier With Shutdown
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com