Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2120L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M2120L-S08-R
Description  OPERATIONAL AMPLIFIER WITH SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2120L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M2120L-S08-R Datasheet HTML 1Page - Unisonic Technologies M2120L-S08-R Datasheet HTML 2Page - Unisonic Technologies M2120L-S08-R Datasheet HTML 3Page - Unisonic Technologies M2120L-S08-R Datasheet HTML 4Page - Unisonic Technologies M2120L-S08-R Datasheet HTML 5Page - Unisonic Technologies M2120L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M2120
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2022 Unisonic Technologies Co., Ltd
QW-R105-105.B
OPERATIONAL AMPLIFIER
WITH SWITCH
DESCRIPTION
The UTC M2120 is a dual operational amplifier of 2-INPUT and
1-OUTPUT with analog switch. The UTC M2120 can be used as
analog switch, as Switch + Amp in order that each gain (A or B)
can be adjusted independently.
The UTC M2120 is suitable for Audio, Video, Electrical musical
instrument…etc.
FEATURES
* Analog Switch Function
* Operating Voltage: ±2.5V ~ ±18V
* Slew Rate: 1.2V/µs typ.
* Wide Unity Gain Bandwidth: 3.5 MHz typ.
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
M2120L-S08-R
M2120G-S08-R
SOP-8
Tape Reel
MARKING


Similar Part No. - M2120L-S08-R

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M2120-2545-AL RAF-M2120-2545-AL Datasheet
82Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2120-2545-SS RAF-M2120-2545-SS Datasheet
82Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2120-3005-AL RAF-M2120-3005-AL Datasheet
87Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2120-3005-S RAF-M2120-3005-S Datasheet
87Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2120-3005-SS RAF-M2120-3005-SS Datasheet
87Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
More results

Similar Description - M2120L-S08-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2121 NJRC-NJM2121 Datasheet
266Kb / 7P
HIGH SPEED OPERATIONAL AMPLIFIER WITH SWITCH
NJM2123 NJRC-NJM2123 Datasheet
362Kb / 9P
DUAL OPERATIONAL AMPLIFIER WITH SWITCH?
logo
National Semiconductor ...
LMV111 NSC-LMV111 Datasheet
337Kb / 9P
Operational Amplifier with Bias Network
logo
New Japan Radio
NJM2172 NJRC-NJM2172 Datasheet
206Kb / 16P
OPERATIONAL AMPLIFIER WITH EVR
logo
Rohm
BA3131FS ROHM-BA3131FS_1 Datasheet
221Kb / 6P
3 Dual operational amplifier with switch for car audio systems
logo
Linear Technology
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8543 SGMICRO-SGM8543 Datasheet
383Kb / 12P
Operational Amplifier with Shutdown
SGM8924A SGMICRO-SGM8924A Datasheet
293Kb / 8P
Operational Amplifier with Shutdown
logo
Texas Instruments
OPA322 TI1-OPA322_16 Datasheet
1Mb / 38P
CMOS Operational Amplifier with Shutdown
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
CMOS Operational Amplifier With Shutdown
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com