Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2120L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # M2120L-S08-R
Description  OPERATIONAL AMPLIFIER WITH SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2120L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  M2120L-S08-R Datasheet HTML 1Page - Unisonic Technologies M2120L-S08-R Datasheet HTML 2Page - Unisonic Technologies M2120L-S08-R Datasheet HTML 3Page - Unisonic Technologies M2120L-S08-R Datasheet HTML 4Page - Unisonic Technologies M2120L-S08-R Datasheet HTML 5Page - Unisonic Technologies M2120L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
M2120
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R105-105.B
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+ /V-
±18
V
Differential Input Voltage
VID
±30
V
Input Voltage
VIC
±15
V
Output Current
IO
±50
mA
Power Dissipation
PD
800
mW
Operating Temperature Range
TOPR
-40 ~ +85
°C
Storage Temperature Range
TSTG
-40 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (V+/V- =±15V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current
IQ
VIN SW ON
2.2
6.0
mA
VIN SW OFF
1.6
6.0
mA
Supply Voltage Rejection Ratio
SVR
90
115
dB
Offset Voltage
VIO
0.8
6.0
mV
Input Bias Current
IB
VCM=0V
60
500
nA
Large Signal Voltage Gain
AV
RL =2kΩ
105
dB
Maximum Output Voltage Swing
VOM
RL =10kΩ
±12
±14
V
Slew Rate
SR
GV =0dB, RL =2kΩ//100pF
1.2
V/μs
Gain Bandwidth Product
GBW
GV =40dB
3.5
MHz
Total Harmonic Distortion
THD
VO =5Vrms, f =1kHz, GV =20dB
0.002
%
Channel Separation
CS
f =1kHz
80
dB
Equivalent Input Noise Voltage
VNI
RS =1kΩ, BW =10Hz~30kHz, Flat
2.8
µVrms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com