Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2120L-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # M2120L-S08-R
Description  OPERATIONAL AMPLIFIER WITH SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2120L-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  M2120L-S08-R Datasheet HTML 1Page - Unisonic Technologies M2120L-S08-R Datasheet HTML 2Page - Unisonic Technologies M2120L-S08-R Datasheet HTML 3Page - Unisonic Technologies M2120L-S08-R Datasheet HTML 4Page - Unisonic Technologies M2120L-S08-R Datasheet HTML 5Page - Unisonic Technologies M2120L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
M2120
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R105-105.B
TYPICAL APPLICATION CIRCUIT (Cont.)
2. Analog Switch Circuit (GV=0dB Voltage Follower Amp)
5
3
7
6
+VCC (15V)
+
-
+
-
4
**47k
A
3.3µ
+
OUT
10k
-VCC(-15V)
1
2
+
B
+
2.2µ
100k
100k
A·IN
B·IN
100k
100k
8
47k
+
33µ
10k
H/L
+VCC
5V
0
1.Resistance (**) is Pull-up-resistance for prevent from
Switching terminal going ON by reakage of external
circuit (TR……etc.)
2.2µ
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com