Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1673 Datasheet (PDF) - Microsemi Corporation

LX1673 Datasheet PDF - Microsemi Corporation
Part # LX1673
Download  LX1673 Download
File Size   286.83 Kbytes
Page   13 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description High Frequency PWM Regulator

LX1673 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX1673 Datasheet PDF - Microsemi Corporation

Part # LX1673
Download  LX1673 Click to download

File Size   286.83 Kbytes
Page   13 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description High Frequency PWM Regulator

LX1673 Datasheet (HTML) - Microsemi Corporation


LX1673 Product details

DESCRIPTION
The LX1673 is a highly integrated power supply controller IC featuring one PWM switching regulator stage with an additional onboard linear regulator driver.
With several switching frequencies available (up to 900kHz) the LX1673 can be optimized for both cost and PCB space. Utilizing external compensation, a wide selection of external components can be chosen for use in any application while maintaining stable operation.

KEY FEATURES
◾ Two Independently Regulated Outputs
◾ Outputs As Low As 0.8V Generated From An Internal 1% Reference
◾ Integrated High Current MOSFET Drivers
◾ 300KHz, 600KHz, and 900KHz High Frequency Operation Minimizes External Component Requirements
◾ Soft-Start and Power Sequencing Control
◾ Adjustable Linear Regulator Driver Output
◾ No current-sense resistors

APPLICATIONS/BENEFITS
◾ Video Card Power Supplies
◾ PC Peripherals
◾ Computer Add-On Cards
◾ 3.3V Power Conversion
◾ DDR Memory Termination




Similar Part No. - LX1673

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1670 MICROSEMI-LX1670 Datasheet
192Kb / 7P
5 - BIT PROGRAMMABLE VOTAGE REFERENCE
LX1670CD MICROSEMI-LX1670CD Datasheet
192Kb / 7P
5 - BIT PROGRAMMABLE VOTAGE REFERENCE
LX1671 MICROSEMI-LX1671 Datasheet
447Kb / 21P
Multiple Output LoadSHARE PWM
LX1671CLQ MICROSEMI-LX1671CLQ Datasheet
425Kb / 21P
Multiple Output LoadSHARE PWM
LX1671CLQ-TR MICROSEMI-LX1671CLQ-TR Datasheet
425Kb / 21P
Multiple Output LoadSHARE PWM
More results


Similar Description - LX1673

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7512C ELANTEC-EL7512C Datasheet
1Mb / 9P
High Frequency PWM Step-Up Regulator
logo
Sipex Corporation
SP6652 SIPEX-SP6652 Datasheet
201Kb / 11P
1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
logo
Intersil Corporation
EL7512 INTERSIL-EL7512 Datasheet
249Kb / 8P
High Frequency PWM Step-Up Regulator
May 23, 2005
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
High Frequency PWM Step-Up Regulator
May 13, 2005
EL7515 INTERSIL-EL7515_07 Datasheet
179Kb / 9P
High Frequency PWM Step-Up Regulator
August 10, 2007
logo
Texas Instruments
UCC39422NG4 TI-UCC39422NG4 Datasheet
981Kb / 40P
MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
High Frequency PWM Step-Up Regulator
EL7512 RENESAS-EL7512 Datasheet
501Kb / 8P
High Frequency PWM Step-Up Regulator
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com