Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2205 Datasheet (PDF) - Microsemi Corporation

LX2205 Datasheet PDF - Microsemi Corporation
Part # LX2205
Download  LX2205 Download
File Size   320.7 Kbytes
Page   14 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1A Li-Ion Battery Charger with Power Source Management

LX2205 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX2205 Datasheet PDF - Microsemi Corporation

Part # LX2205
Download  LX2205 Click to download

File Size   320.7 Kbytes
Page   14 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1A Li-Ion Battery Charger with Power Source Management

LX2205 Datasheet (HTML) - Microsemi Corporation


LX2205 Product details

DESCRIPTION
The LX2205 is a complete single cell Lithium Ion or Lithium Polymer battery charger and power source manager. In addition to battery charging, power flow control is provided from up to three sources: a wall adapter, a standard USB power plug or the battery.

KEY FEATURES
◾ Single Cell Li-Ion Battery Charger
◾ Power Source Management
◾ Up to 1A Charging Current
◾ Integrated Power MOSFET
◾ USB Current Compliance
◾ 25µA Quiescent Current in Discharge Mode
◾ Taper Current Termination
◾ Protection features:
   o USB Reverse Current Blocking
   o Unsafe Battery Temp Lockout
   o Internal IC Temperature Limiter
   o USB Current Limiter

APPLICATIONS
◾ Navigation Devices
◾ Portable USB Devices
◾ Multi-Media Player
◾ PDA Phones
◾ Digital Cameras




Similar Part No. - LX2205

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2201 MICROSEMI-LX2201 Datasheet
172Kb / 11P
USB Li-Ion Battery Charger
LX2201CLQ MICROSEMI-LX2201CLQ Datasheet
172Kb / 11P
USB Li-Ion Battery Charger
LX2202 MICROSEMI-LX2202 Datasheet
176Kb / 12P
2A Li-Ion Linear Charger and Power Control
LX2202 MICROSEMI-LX2202 Datasheet
193Kb / 12P
TM 2A Li-Ion Linear Charger and Power Control
LX2202CLQ MICROSEMI-LX2202CLQ Datasheet
176Kb / 12P
2A Li-Ion Linear Charger and Power Control
More results


Similar Description - LX2205

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683 Datasheet
595Kb / 24P
1A Linear Li-Ion Battery Charger
AAT3683 ANALOGICTECH-AAT3683_08 Datasheet
455Kb / 23P
1A Linear Li-Ion Battery Charger
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
1A Linear Li-Ion Battery Charger
logo
List of Unclassifed Man...
AP5056 ETC2-AP5056 Datasheet
730Kb / 9P
1A Linear Li-Ion Battery Charger
logo
Billiton Ltd.
TP4056 ASIC-TP4056 Datasheet
969Kb / 17P
1A Linear Li-Ion Battery Charger
logo
SHENZHEN FUMAN ELECTRON...
TC4056A FUMAN-TC4056A Datasheet
1Mb / 20P
1A Linear Li-Ion Battery Charger
logo
AiT Semiconductor Inc.
A4051 AITSEMI-A4051 Datasheet
416Kb / 9P
BATTERY MANAGEMENT 1A LINEAR LI-ION BATTERY CHARGER
REV1.5
A4057 AITSEMI-A4057 Datasheet
274Kb / 7P
BATTERY MANAGEMENT LINEAR LI-ION BATTERY CHARGER
REV1.2
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Shenzhen Tuofeng Semico...
TF4056A TUOFENG-TF4056A Datasheet
4Mb / 8P
1A Linear Li-Ion Battery Charger
May,2020 V1.5
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com