Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet (PDF) - Semtech Corporation

LLCC68 Datasheet PDF - Semtech Corporation
Part # LLCC68
Download  LLCC68 Download
File Size   2256.87 Kbytes
Page   106 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Long Range, Low Power, sub-GHz RF Transceiver

LLCC68 Datasheet (PDF)

Go To PDF Page Download Datasheet
LLCC68 Datasheet PDF - Semtech Corporation

Part # LLCC68
Download  LLCC68 Click to download

File Size   2256.87 Kbytes
Page   106 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Long Range, Low Power, sub-GHz RF Transceiver

LLCC68 Datasheet (HTML) - Semtech Corporation


LLCC68 Product details

General Description
The LLCC68 sub-GHz radio transceiver is ideal for long
range wireless applications. It is designed for long battery
life with just 4.2 mA of active receive current consumption.
The LLCC68 can transmit up to +22 dBm with highly
efficient integrated power amplifiers.
The LLCC68 supports LoRa® modulation for LPWAN use
cases and (G)FSK modulation for legacy use cases. It is
highly configurable to meet different application
requirements for industry and consumer use.
The device provides LoRa® modulation compatible with
Semtech transceivers used by the LoRaWAN™ specification
released by the LoRa Alliance™.
The radio is suitable for systems targeting compliance with
radio regulations including but not limited to ETSI EN 300
220, FCC CFR 47 Part 15, China regulatory requirements
and the Japanese ARIB T-108. Continuous frequency
coverage from 150 MHz to 960 MHz allows the support of
all major sub-GHz ISM bands around the world.

Applications
The level of integration and the low consumption of the
LLCC68 enable a new generation of Internet of Things
applications.
• Smart meters
• Supply chain and logistics
• Building automation
• Agricultural sensors
• Smart cities
• Retail store sensors
• Asset tracking
• Street lights
• Parking sensors
• Environmental sensors
• Healthcare
• Safety and security sensors
• Remote control applications




Similar Part No. - LLCC68

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LLCC68 SEMTECH-LLCC68 Datasheet
4Mb / 111P
Long Range, Low Power, sub-GHz RF Transceiver
Rev. 1.1
LLCC68IMLTRT SEMTECH-LLCC68IMLTRT Datasheet
4Mb / 111P
Long Range, Low Power, sub-GHz RF Transceiver
Rev. 1.1
LLCC68 SEMTECH-LLCC68_V01 Datasheet
4Mb / 111P
Long Range, Low Power, sub-GHz RF Transceiver
Rev. 1.1
More results


Similar Description - LLCC68

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1100E TI-CC1100E_13 Datasheet
2Mb / 97P
Low-Power Sub-GHz RF Transceiver
CC1100ERGPR TI-CC1100ERGPR Datasheet
2Mb / 97P
Low-Power Sub-GHz RF Transceiver
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
Low Power Long Range Transceiver
logo
Texas Instruments
CC1100E TI1-CC1100E_14 Datasheet
1Mb / 95P
Low-Power Sub-GHz RF Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
Low Power Long Range Transceiver
logo
Semtech Corporation
SX1261 SEMTECH-SX1261 Datasheet
2Mb / 107P
Long Range, Low Power, sub-GHz RF Transceiver
SX1268 SEMTECH-SX1268 Datasheet
2Mb / 105P
Long Range, Low Power, sub-GHz RF Transceiver
logo
AUREL S.p.A.
650201476G AUREL-650201476G Datasheet
118Kb / 1P
Long Range & Low Power 2.4 GHz Multichannel Transceiver
07.07.2021
650201516G AUREL-650201516G Datasheet
1Mb / 1P
Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com