Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 7 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 3Page - Semtech Corporation LLCC68 Datasheet HTML 4Page - Semtech Corporation LLCC68 Datasheet HTML 5Page - Semtech Corporation LLCC68 Datasheet HTML 6Page - Semtech Corporation LLCC68 Datasheet HTML 7Page - Semtech Corporation LLCC68 Datasheet HTML 8Page - Semtech Corporation LLCC68 Datasheet HTML 9Page - Semtech Corporation LLCC68 Datasheet HTML 10Page - Semtech Corporation LLCC68 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
7 of 106
Semtech
www.semtech.com
List of Figures
Figure 2-1: LLCC68 Top View Pin Location QFN 4x4 24L ................................................................... 13
Figure 4-1: LLCC68 Block Diagram............................................................................................................. 22
Figure 4-2: TCXO Control Block................................................................................................................... 24
Figure 4-3: VR_PA versus Output Power on the LLCC68 ................................................................... 27
Figure 4-4: Power Linearity on the LLCC68............................................................................................. 27
Figure 4-5: Current versus Programmed Output Power on the LLCC68...................................... 28
Figure 5-1: LLCC68 Diagram with the DC-DC Regulator Power Option....................................... 30
Figure 5-2: LLCC68 Diagram with the LDO Regulator Power Option ........................................... 30
Figure 5-3: Separate DIO Supply................................................................................................................. 31
Figure 6-1: LoRa® Signal Bandwidth.......................................................................................................... 33
Figure 6-2: LoRa® Packet Format ................................................................................................................ 35
Figure 6-3: Fixed-Length Packet Format ................................................................................................. 40
Figure 6-4: Variable-Length Packet Format ............................................................................................ 40
Figure 6-5: Data Whitening LFSR................................................................................................................ 41
Figure 7-1: Data Buffer Diagram ................................................................................................................. 43
Figure 8-1: SPI Timing Diagram................................................................................................................... 45
Figure 8-2: SPI Timing Transition................................................................................................................ 46
Figure 8-3: Switching Time Definition ...................................................................................................... 47
Figure 8-4: Switching Time Definition in Active Mode....................................................................... 48
Figure 9-1: Transceiver Circuit Modes ...................................................................................................... 55
Figure 13-1: Stopping Timer on Preamble or Header Detection .................................................... 66
Figure 13-2: RX Duty Cycle Energy Profile............................................................................................... 67
Figure 13-3: RX Duty Cycle when Receiving........................................................................................... 68
Figure 14-1: Application Schematic of the LLCC68 with RF Switch ............................................... 96
Figure 16-1: QFN 4x4 Package Outline Drawing................................................................................. 100
Figure 16-2: LLCC68 Marking..................................................................................................................... 101
Figure 16-3: QFN 4x4mm Land Pattern.................................................................................................. 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com