Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 32 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 32 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 28Page - Semtech Corporation LLCC68 Datasheet HTML 29Page - Semtech Corporation LLCC68 Datasheet HTML 30Page - Semtech Corporation LLCC68 Datasheet HTML 31Page - Semtech Corporation LLCC68 Datasheet HTML 32Page - Semtech Corporation LLCC68 Datasheet HTML 33Page - Semtech Corporation LLCC68 Datasheet HTML 34Page - Semtech Corporation LLCC68 Datasheet HTML 35Page - Semtech Corporation LLCC68 Datasheet HTML 36Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
32 of 106
Semtech
www.semtech.com
6. Modems
The LLCC68 contains different modems capable of handling LoRa® and FSK modulations. LoRa® and FSK are associated with
their own frame and modem.
•
LoRa® modem  LoRa
® Frame
•
FSK modem  FSK Frame
The user specifies the modem and frame type by using the command SetPacketType(...). This command specifies the frame
used and consequently the modem implemented.
This function is the first one to be called before going to Rx or Tx and before defining frequency, modulation and packet
parameters. The command GetPacketType() returns the current protocol of the radio.
6.1 LoRa® Modem
The LoRa® modem uses spread spectrum modulation and forward error correction techniques to increase the range and
robustness of radio communication links compared to traditional FSK based modulation.
An important facet of the LoRa® modem is its increased immunity to interference. The LoRa® modem is capable of
co-channel GMSK rejection of up to 16 dB. This immunity to interference permits the simple coexistence of LoRa®
modulated systems either in bands of heavy spectral usage or in hybrid communication networks that use LoRa® to extend
range when legacy modulation schemes fail.
6.1.1 Modulation Parameter
It is possible to optimize the LoRa® modulation for a given application, access is given to the designer to four critical design
parameters, each one permitting a trade-off between the link budget, immunity to interference, spectral occupancy and
nominal data rate. These parameters are:
•
Modulation BandWidth (BW_L)
•
Spreading Factor (SF)
•
Coding Rate (CR)
•
Low Data Rate Optimization (LDRO)
These parameters are set using the command SetModulationParams(...) which must be called after SetPacketType(...).
6.1.1.1 Spreading Factor
The spread spectrum LoRa® modulation is performed by representing each bit of payload information by multiple chips of
information. The rate at which the spread information is sent is referred to as the symbol rate (Rs). The ratio between the
nominal symbol rate and chip rate is the spreading factor and it represents the number of symbols sent per bit of
information.
Consideration on SF5 and SF6
In the LLCC68, two spreading factors have been added compared to the previous device family, SF5 and SF6. These two
spreading factors have been modified slightly and will now be able to operate in both implicit and explicit mode. However,
these modification have made the new spreading factor incompatible with previous device generations. Especially, SF6 on
the LLCC68 will not be backward compatible with the SF6 used on the SX1276. Furthermore, due to the higher symbol rate,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com