Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 15 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 11Page - Semtech Corporation LLCC68 Datasheet HTML 12Page - Semtech Corporation LLCC68 Datasheet HTML 13Page - Semtech Corporation LLCC68 Datasheet HTML 14Page - Semtech Corporation LLCC68 Datasheet HTML 15Page - Semtech Corporation LLCC68 Datasheet HTML 16Page - Semtech Corporation LLCC68 Datasheet HTML 17Page - Semtech Corporation LLCC68 Datasheet HTML 18Page - Semtech Corporation LLCC68 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
15 of 106
Semtech
www.semtech.com
3.4 Crystal Specifications
Table 3-4: Crystal Specifications
The reference frequency accuracy is defined by the complete system. The initial error, temperature drift, and ageing drift of
both the transmitter and the receiver, over the lifetime of the product, should be taken into account in the calculations.
3.5 Electrical Specifications
The electrical specifications are given with the following conditions unless otherwise specified:
•
VBAT_IO = VBAT = 3.3 V, all current consumptions are given for VBAT connected to VBAT_IO
•
Temperature = 25 °C
•
FXOSC = 32 MHz, with specified crystal
•
FRF = 434/490/868/915 MHz
•
All RF impedances matched
•
Transmit mode output power defined into 50
load impedance
•
FSK BER = 0.1%, 2-level FSK modulation without pre-filtering, BR = 4.8 kb/s, FDA = ± 5 kHz, BW_F = 20 kHz
double-sided
•
LoRa® PER = 1%, packet 64 bytes, preamble 8 symbols, CR = 4/5, CRC on payload enabled, explicit header mode
•
RX/TX specifications given using default RX gain step and direct tie connection between Rx and Tx
•
Blocking immunity, ACR and co-channel rejection are given for a single tone (CW) interferer and referenced to
sensitivity +3 dB
•
Optional TCXO and RF Switch power consumption always excluded
Caution!
Throughout this document, all receiver bandwidths are expressed as “double-sideband”. This is valid for LoRa® and
FSK modulations.
Symbol
Description
Min
Typ
Max
Unit
FXOSC
Crystal oscillator frequency
-
32
-
MHz
CLOAD
Crystal load capacitance
-
10
-
pF
C0XTAL
Crystal shunt capacitance
0.3
0.6
2
pF
RSXTAL
Crystal series resistance
-
30
60
CMXTAL
Crystal motional capacitance
1.3
1.89
2.5
fF
DRIVE
Drive level
-
-
100
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com