Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 20 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 16Page - Semtech Corporation LLCC68 Datasheet HTML 17Page - Semtech Corporation LLCC68 Datasheet HTML 18Page - Semtech Corporation LLCC68 Datasheet HTML 19Page - Semtech Corporation LLCC68 Datasheet HTML 20Page - Semtech Corporation LLCC68 Datasheet HTML 21Page - Semtech Corporation LLCC68 Datasheet HTML 22Page - Semtech Corporation LLCC68 Datasheet HTML 23Page - Semtech Corporation LLCC68 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
20 of 106
Semtech
www.semtech.com
CCR_F
Co-channel rejection, FSK
--9-
dB
CCR_L
Co-channel rejection, LoRa®
SF = 7
SF = 11
-
-
5
16
-
-
dB
dB
ACR_F
Adjacent channel rejection, FSK
Offset = +/- 50 kHz
-
45
-
dB
ACR_L
Adjacent channel rejection,
LoRa®
Offset = +/- 1.5 x BW_L
BW_L = 125 kHz, SF = 7
BW_L = 125 kHz, SF = 9
-
-
60
65
-
-
dB
dB
BI_F
Blocking immunity, FSK
BR_F = 4.8 kb/s, FDA = 5 kHz, BW_F = 20 kHz
Offset = +/- 1 MHz
Offset = +/- 2 MHz
Offset = +/- 10 MHz
-
-
-
68
70
80
-
-
-
dB
dB
dB
BI_L
Blocking immunity, LoRa®
BW_L = 125 kHz, SF =9
Offset = +/- 1 MHz
Offset = +/- 2 MHz
Offset = +/- 10 MHz
-
-
-
80
82
91
-
-
-
dB
dB
dB
IIP3
3rd order input intercept point
Unwanted tones are 1 MHz and
1.96 MHz above LO
--5-
dBm
IMA
Image attenuation
Without IQ calibration
With IQ calibration
-
-
35
54
-
-
dB
dB
BW_F
DSB channel filter BW, FSK
Programmable, typical values
4.8
-
467
kHz
TS_RX
Receiver wake-up time
FS to RX
-
41
-
s
FERR_L
Maximum tolerated frequency
offset between transmitter and
receiver, no sensitivity
degradation, SF5 to SF11
All bandwidths, ±25% of BW
The tighter limit applies (see below)
±25%
BW
Maximum tolerated frequency
offset between transmitter and
receiver, no sensitivity
degradation, SF10 to SF11
SF11
SF10
-100
-200
-
-
100
200
ppm
ppm
Table 3-8: Receive Mode Specifications
Symbol
Description
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com