Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 76 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 76 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 72Page - Semtech Corporation LLCC68 Datasheet HTML 73Page - Semtech Corporation LLCC68 Datasheet HTML 74Page - Semtech Corporation LLCC68 Datasheet HTML 75Page - Semtech Corporation LLCC68 Datasheet HTML 76Page - Semtech Corporation LLCC68 Datasheet HTML 77Page - Semtech Corporation LLCC68 Datasheet HTML 78Page - Semtech Corporation LLCC68 Datasheet HTML 79Page - Semtech Corporation LLCC68 Datasheet HTML 80Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
76 of 106
Semtech
www.semtech.com
13.3.5 SetDIO2AsRfSwitchCtrl
This command is used to configure DIO2 so that it can be used to control an external RF switch.
When controlling the external RX switch, the pin DIO2 will toggle accordingly to the internal state machine. DIO2 will be
asserted high a few microseconds before the ramp-up of the PA and will be set to zero after the ramp-down of the PA.
The enable byte definition is given as follows:
13.3.6 SetDIO3AsTCXOCtrl
This command is used to configure the chip for an external TCXO reference voltage controlled by DIO3.
When this command is used, the device now controls the TCXO itself through DIO3. When needed (in mode STDBY_XOSC,
FS, TX and RX), the internal state machine will set DIO3 to a predefined output voltage (control through the parameter
tcxoVoltage). Internally, the clock controller will wait for the 32 MHz to appear before releasing the internal state machine.
The time needed for the 32 MHz to appear and stabilize can be controlled through the parameter delay(23:0). If the 32 MHz
from the TCXO is not detected internally at the end the delay period, the error XOSC_START_ERR will be flagged in the error
controller.
The XOSC_START_ERR flag will be raised at POR or at wake-up from Sleep mode in a cold-start condition, when a TCXO is
used. It is an expected behaviour since the chip is not yet aware of being clocked by a TCXO. The user should simply clear
this flag with the ClearDeviceErrors command.
Table 13-32: SetDIO2AsRfSwitchCtrl SPI Transaction
Byte
0
1
Data from host
Opcode = 0x9D
enable
Table 13-33: Enable Configuration Definition
Enable
Description
0
DIO2 is free to be used as an IRQ
1
DIO2 is selected to be used to control an RF switch. In this case:
DIO2 = 0 in SLEEP, STDBY_RX, STDBY_XOSC, FS and RX modes, DIO2 = 1 in TX mode
Table 13-34: SetDIO3asTCXOCtrl SPI Transaction
Byte
0
1
2-4
Data from host
Opcode = 0x97
tcxoVoltage
delay(23:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com