Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 72 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 72 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 68Page - Semtech Corporation LLCC68 Datasheet HTML 69Page - Semtech Corporation LLCC68 Datasheet HTML 70Page - Semtech Corporation LLCC68 Datasheet HTML 71Page - Semtech Corporation LLCC68 Datasheet HTML 72Page - Semtech Corporation LLCC68 Datasheet HTML 73Page - Semtech Corporation LLCC68 Datasheet HTML 74Page - Semtech Corporation LLCC68 Datasheet HTML 75Page - Semtech Corporation LLCC68 Datasheet HTML 76Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
72 of 106
Semtech
www.semtech.com
Note:
These changes make the use of nominal power either sub-optimal or unachievable.
Caution!
The following restrictions must be observed to avoid voltage overstress on the PA, exceeding the maximum ratings
may cause irreversible damage to the device: paDutyCycle should not be higher than 0x04.
13.1.15 SetRxTxFallbackMode
The command SetRxTxFallbackMode defines into which mode the chip goes after a successful transmission or after a packet
reception.
The fallbackMode byte definition is given as follows:
By default, the radio will always return in STDBY_RC unless the configuration is changed by using this command. Changing
the default mode from STDBY_RC to STDBY_XOSC or FS will only have an impact on the switching time of the radio.
13.2 Registers and Buffer Access
13.2.1 WriteRegister Function
The command WriteRegister(...) allows writing a block of bytes in a data memory space starting at a specific address. The
address is auto incremented after each data byte so that data is stored in contiguous memory locations. The SPI data
transfer is described in the following table.
Table 13-22: SetRxTxFallbackMode SPI Transaction
Byte
0
1
Data from host
Opcode = 0x93
fallbackMode
Table 13-23: Fallback Mode Definition
Fallback Mode
Value
Description
FS
0x40
The radio goes into FS mode after Tx or Rx
STDBY_XOSC
0x30
The radio goes into STDBY_XOSC mode after Tx or Rx
STDBY_RC
0x20
The radio goes into STDBY_RC mode after Tx or Rx
Table 13-24: WriteRegister SPI Transaction
Byte
0
1
2
3
4
...
n
Data from
host
Opcode =
0x0D
address[15:8]
address[7:0]
data@address
data@address+1
...
data@address+ (n-3)
Data to host
RFU
Status
Status
Status
Status
...
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com