Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 41 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 41 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 37Page - Semtech Corporation LLCC68 Datasheet HTML 38Page - Semtech Corporation LLCC68 Datasheet HTML 39Page - Semtech Corporation LLCC68 Datasheet HTML 40Page - Semtech Corporation LLCC68 Datasheet HTML 41Page - Semtech Corporation LLCC68 Datasheet HTML 42Page - Semtech Corporation LLCC68 Datasheet HTML 43Page - Semtech Corporation LLCC68 Datasheet HTML 44Page - Semtech Corporation LLCC68 Datasheet HTML 45Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
41 of 106
Semtech
www.semtech.com
6.2.3.3 Setting the Packet Length or Node Address
The packet length and Node or Broadcast address are not considered part of the payload and they are added automatically
in hardware.
The packet length is added automatically in the packet when the packetType field is set to variable size in the command
SetPacketParam(...).
The node or broadcast address can be enabled by using the AddrComp field is in the command SetPacketParam(...). This
field allow the user to enable and select an additional packet filtering at the payload level.
6.2.3.4 Whitening
The whitening process is built around a 9-bit LFSR which is used to generate a random sequence and the payload (including
the payload length, the Node or Broadcast address and CRC checksum when needed) is then XORed with this random
sequence to generate the whitened payload. The data is de-whitened on the receiver side by XORing with the same
random sequence. This setup limits the number of consecutive 1’s or 0’s to 9. Note that the data whitening is only required
when the user data has high correlation with long strings of 0’s and 1’s. If the data is already random then the whitening is
not required. For example a random source generating the Transmit data, when whitened, could produce longer strings of
1’s and 0’s, thus it’s not required to randomize an already random sequence.
Figure 6-5: Data Whitening LFSR
The whitening is based around the 9-bit LFSR polynomial x^9+x^5+1. With this structure, the LSB at the output of the LFSR
is XORed with the MSB of the data.
At the initial stage, each flip-flop of the LFSR can be initialized through the registers at addresses 0x06B8 and 0x6B9.
Table 6-5: Whitening Initial Value
Whitening Initial Value
Register Address
Default Value
Whitening initial value MSB
0x06B8
0x01
Whitening initial value LSB
0x06B9
0x00
X 7
X 6
X 5
X 4
X 3
X 2
X 1
X 0
X 8
LFS R P o ly nom ia l = X 9 + X 5 + 1
T ransm it data
W hitened data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com