Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 60 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 60 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 56Page - Semtech Corporation LLCC68 Datasheet HTML 57Page - Semtech Corporation LLCC68 Datasheet HTML 58Page - Semtech Corporation LLCC68 Datasheet HTML 59Page - Semtech Corporation LLCC68 Datasheet HTML 60Page - Semtech Corporation LLCC68 Datasheet HTML 61Page - Semtech Corporation LLCC68 Datasheet HTML 62Page - Semtech Corporation LLCC68 Datasheet HTML 63Page - Semtech Corporation LLCC68 Datasheet HTML 64Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
60 of 106
Semtech
www.semtech.com
12. Register Map
12.1 Register Table
Table 12-1: List of Registers
Register Name
Address
Reset Value
Function
DIOx output enable
0x0580
0x00
Non-standard DIOx control1
DIOx input enable
0x0583
0x00
DIOx pull-up control
0x0584
0x00
DIOx pull-down control
0x0585
0x00
Whitening initial value MSB
0x06B8
0xX1
Initial value used for the whitening LFSR in
FSK mode. The user should not change the
value of the 7 MSB of this register
Note: X is here an undefined value
Whitening initial value LSB
0x06B9
0x00
CRC MSB Initial Value [0]
0x06BC
0x1D
Initial value used for the polynomial used to
compute the CRC in FSK mode
CRC LSB Initial Value [1]
0x06BD
0x0F
CRC MSB polynomial Value [0]
0x06BE
0x10
Polynomial used to compute the CRC in FSK
mode
CRC LSB polynomial Value [1]
0x06BF
0x21
SyncWord[0]
0x06C0
-
1st byte of the Sync Word in FSK mode
SyncWord[1]
0x06C1
-
2nd byte of the Sync Word in FSK mode
SyncWord[2]
0x06C2
-
3rd byte of the Sync Word in FSK mode
SyncWord[3]
0x06C3
-
4th byte of the Sync Word in FSK mode
SyncWord[4]
0x06C4
-
5th byte of the Sync Word in FSK mode
SyncWord[5]
0x06C5
-
6th byte of the Sync Word in FSK mode
SyncWord[6]
0x06C6
-
7th byte of the Sync Word in FSK mode
SyncWord[7]
0x06C7
-
8th byte of the Sync Word in FSK mode
Node Address
0x06CD
0x00
Node Address used in FSK mode
Broadcast Address
0x06CE
0x00
Broadcast Address used in FSK mode
IQ Polarity Setup
0x0736
0x0D
Optimize the inverted IQ operation
LoRa Sync Word MSB
0x0740
0x14
Differentiate the LoRa® signal for Public or
Private Network
Set to 0x3444 for Public Network
Set to 0x1424 for Private Network
LoRa Sync Word LSB
0x0741
0x24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com