Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 98 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 98 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 94Page - Semtech Corporation LLCC68 Datasheet HTML 95Page - Semtech Corporation LLCC68 Datasheet HTML 96Page - Semtech Corporation LLCC68 Datasheet HTML 97Page - Semtech Corporation LLCC68 Datasheet HTML 98Page - Semtech Corporation LLCC68 Datasheet HTML 99Page - Semtech Corporation LLCC68 Datasheet HTML 100Page - Semtech Corporation LLCC68 Datasheet HTML 101Page - Semtech Corporation LLCC68 Datasheet HTML 102Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
98 of 106
Semtech
www.semtech.com
Note: using the described workaround will improve the chip functionality, but is not required to ensure long-term reliability,
which is guaranteed with or without workaround.
15.2.2 Workaround
During chip initialization, the register TxClampConfig should be modified to optimize the PA clamping threshold. Bits 4-1
must be set to “1111” (default value “0100”).
This register modification must be done after a Power On Reset, or a wake-up from cold Start.
The following pseudo-code can be used as a reference to implement the fix:
15.3 Implicit Header Mode Timeout Behavior
15.3.1 Description
When receiving LoRa® packets in Rx mode with Timeout active, and no header (Implicit Mode), the timer responsible for
generating the Timeout (based on the RTC timer) is not stopped on RxDone event. Therefore, it may trigger an unexpected
timeout in any subsequent mode where the RTC isn’t re-invoked, and therefore reset and re-programmed.
15.3.2 Workaround
It is advised to add the following commands after ANY Rx with Timeout active sequence, which stop the RTC and clear the
timeout event, if any. The register at address 0x0902 will be used to stop the counter, while the register at address 0x0944
will clear the potential event.
The following pseudo-code can be used as a reference to implement the fix:
15.4 Optimizing the Inverted IQ Operation
15.4.1 Description
When exchanging LoRa® packets with inverted IQ polarity, some packet losses may be observed for longer packets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com