Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 61 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 61 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 57Page - Semtech Corporation LLCC68 Datasheet HTML 58Page - Semtech Corporation LLCC68 Datasheet HTML 59Page - Semtech Corporation LLCC68 Datasheet HTML 60Page - Semtech Corporation LLCC68 Datasheet HTML 61Page - Semtech Corporation LLCC68 Datasheet HTML 62Page - Semtech Corporation LLCC68 Datasheet HTML 63Page - Semtech Corporation LLCC68 Datasheet HTML 64Page - Semtech Corporation LLCC68 Datasheet HTML 65Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
61 of 106
Semtech
www.semtech.com
RandomNumberGen[0]
0x0819
-
Can be used to get a 32-bit random number
RandomNumberGen[1]
0x081A
-
RandomNumberGen[2]
0x081B
-
RandomNumberGen[3]
0x081C
-
TxModulation
0x0889
0x01
Refer to Section 15.
Rx Gain
0x08AC
0x94
Set the gain used in Rx mode:
Rx Power Saving gain: 0x94
Rx Boosted gain: 0x96
TxClampConfig
0x08D8
0xC8
Refer to Section 15.
OCP Configuration
0x08E7
0x18
Set the Over Current Protection level.
The value is changed internally depending
on the device selected. Default values are:
Default value is 0x38 (140 mA)
RTC Control2
0x0902
0x00
Enable or disable RTC Timer
XTA trim
0x0911
0x05
Value of the trimming cap on XTA pin
This register should only be changed while
the radio is in STDBY_XOSC mode.
XTB trim
0x0912
0x05
Value of the trimming cap on XTB pin
This register should only be changed while
the radio is in STDBY_XOSC mode.
DIO3 output voltage control
0x920
0x01
Non-standard DIO3 control1
Event Mask
0x944
0x00
Used to clear events1
1. Use only with Semtech-provided code samples
2. Use only with Semtech-provided workaround of Section 15.3
Table 12-1: List of Registers
Register Name
Address
Reset Value
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com