Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 33 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 33 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 29Page - Semtech Corporation LLCC68 Datasheet HTML 30Page - Semtech Corporation LLCC68 Datasheet HTML 31Page - Semtech Corporation LLCC68 Datasheet HTML 32Page - Semtech Corporation LLCC68 Datasheet HTML 33Page - Semtech Corporation LLCC68 Datasheet HTML 34Page - Semtech Corporation LLCC68 Datasheet HTML 35Page - Semtech Corporation LLCC68 Datasheet HTML 36Page - Semtech Corporation LLCC68 Datasheet HTML 37Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
33 of 106
Semtech
www.semtech.com
the minimum recommended preamble length needed to ensure correct detection and demodulation from the receiver is
increased compared to other Spreading Factors. For SF5 and SF6, the user is invited to use 12 symbols of preamble to have
optimal performances over the dynamic range or the receiver.
Note:
The spreading factor must be known in advance on both transmit and receive sides of the link as different spreading factors
are orthogonal to each other. Note also the resulting Signal to Noise Ratio (SNR) required at the receiver input.
It is the capability to receive signals with negative SNR that increases the sensitivity as well as link budget and range of the
LoRa® receiver.
A higher spreading factor provides better receiver sensitivity at the expense of longer transmission times (time-on-air). With
a knowledge of the key parameters that can be selected by the user, the LoRa® symbol rate is defined as:
where BW is the programmed bandwidth and SF is the spreading factor. The transmitted signal is a constant envelope
signal. Equivalently, one chip is sent per second per Hz of bandwidth.
6.1.1.2 Bandwidth
An increase in signal bandwidth permits the use of a higher effective data rate, thus reducing transmission time at the
expense of reduced sensitivity improvement.
LoRa® modem operates at a programmable bandwidth (BW_L) around a programmable central frequency fRF
Figure 6-1: LoRa® Signal Bandwidth
An increase in LoRa® signal bandwidth (BW_L) permits the use of a higher effective data rate, thus reducing transmission
time at the expense of reduced sensitivity improvement. There are regulatory constraints in most countries on the
Table 6-1: Range of Spreading Factors (SF)
Spreading Factor (SF)1
1. Not all SF are available for any bandwidth with the LLCC68
5
6
7
8
9
10
11
2^SF (Chips / Symbol)
32
64
128
256
512
1024
2048
Typical LoRa® Demodulator SNR [dB]
-2.5
-5
-7.5
-10
-12.5
-15
-17.5
Rs
BW
2SF
---------
=
f
f
RF
f
RF
BWL
2
------------
+
f
RF
BWL
2
------------
–
BW_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com