Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 73 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 73 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 69Page - Semtech Corporation LLCC68 Datasheet HTML 70Page - Semtech Corporation LLCC68 Datasheet HTML 71Page - Semtech Corporation LLCC68 Datasheet HTML 72Page - Semtech Corporation LLCC68 Datasheet HTML 73Page - Semtech Corporation LLCC68 Datasheet HTML 74Page - Semtech Corporation LLCC68 Datasheet HTML 75Page - Semtech Corporation LLCC68 Datasheet HTML 76Page - Semtech Corporation LLCC68 Datasheet HTML 77Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
73 of 106
Semtech
www.semtech.com
13.2.2 ReadRegister Function
The command ReadRegister(...) allows reading a block of data starting at a given address. The address is auto-incremented
after each byte. The SPI data transfer is described in Table 13-25. Note that the host has to send an NOP after sending the 2
bytes of address to start receiving data bytes on the next NOP sent.
13.2.3 WriteBuffer Function
This function is used to store data payload to be transmitted. The address is auto-incremented; when it exceeds the value
of 255 it is wrapped back to 0 due to the circular nature of the data buffer. The address starts with an offset set as a
parameter of the function. Table 13-26 describes the SPI data transfer.
13.2.4 ReadBuffer Function
This function allows reading (n-3) bytes of payload received starting at offset. Note that the NOP must be sent after sending
the offset.
Table 13-25: ReadRegister SPI Transaction
Byte
0
1
2
3
4
5
...
n
Data from
host
Opcode
= 0x1D
address[15:8]
address[7:0]
NOP
NOP
NOP
...
NOP
Data to host
RFU
Status
Status
Status
data@address
data@address+1
...
data@address+
(n-4)
Table 13-26: WriteBuffer SPI Transaction
Byte
0
1
2
3
...
n
Data from host
Opcode =
0x0E
offset
data@offset
data@offset+1
...
data@offset+(n-2)
Data to host
RFU
Status
Status
Status
...
Status
Table 13-27: ReadBuffer SPI Transaction
Byte
0
1
2
3
4
...
n
Data from
host
Opcode
= 0x1E
offset
NOP
NOP
NOP
...
NOP
Data to host
RFU
Status
Status
data@offset
data@offset+1
...
data@offset+(n-3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com