Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 40 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 40 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 36Page - Semtech Corporation LLCC68 Datasheet HTML 37Page - Semtech Corporation LLCC68 Datasheet HTML 38Page - Semtech Corporation LLCC68 Datasheet HTML 39Page - Semtech Corporation LLCC68 Datasheet HTML 40Page - Semtech Corporation LLCC68 Datasheet HTML 41Page - Semtech Corporation LLCC68 Datasheet HTML 42Page - Semtech Corporation LLCC68 Datasheet HTML 43Page - Semtech Corporation LLCC68 Datasheet HTML 44Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
40 of 106
Semtech
www.semtech.com
to “Preamble detector length 32 bits” where the radio will be expecting to receive 32 bits of preamble before the following
Sync Word. In this case, if the 32 bits of preamble are not detected, the radio will either drop the reception in RxSingle mode,
or restart its tracking loop in RxContinuous mode.
To achieve best performance of the device, it is recommended to set PreambleDetectorLength to “Preamble detector length
8 bits” or “Preamble detector length 16 bits” depending of the complete size of preamble which is sent by the transmitter.
Note: In all cases, PreambleDetectorLength must be smaller than the size of the following Sync Word to achieve proper
detection of the packets. If the preamble length is greater than the following Sync Word length (typically when no Sync
Word is used) the user should fill some of the Sync Word bytes with 0x55.
6.2.3 FSK Packet Format
The FSK packet format provides a conventional packet format for application in proprietary NRZ coded, low energy
communication links. The packet format has built in facilities for CRC checking of the payload, dynamic payload size and
packet acknowledgement. Optionally whitening based upon pseudo random number generation can be enabled. Two
principle packet formats are available in the FSK protocol: fixed length and variable length packets.
6.2.3.1 Fixed-Length Packet
If the packet length is fixed and known on both sides of the link then knowledge of the packet length does not need to be
transmitted over the air. Instead the packet length can be written to the parameter packetLength which determines the
packet length in bytes (0 to 255 bytes, but limited to 254 Bytes when the address filtering is activated, see Table 13-56).
Figure 6-3: Fixed-Length Packet Format
The preamble length is set from 8 to 65535 bits using the parameter PreambleLen. It is usually recommended to use a
minimum of 16 bits for the preamble to guarantee a valid reception of the packet on the receiver side. The CRC
operation, packet length and preamble length are defined using the command SetPacketParams(...) as defined in
Section 11. "List of Commands" on page 57.
6.2.3.2 Variable-Length Packet
Where the packet is of uncertain or variable size, then information about the packet length (0 to 255 bytes, but limited to
254 Bytes when the address filtering is activated, see Table 13-56) must be transmitted within the packet. The format of the
variable-length packet is shown below.
Figure 6-4: Variable-Length Packet Format
CRC Checksum
Whitening
Preamble
8 to 65535
bits
Sync Word
0 to 8 bytes
Payload
1 to 255 bytes
CRC
0, 1 or 2 bytes
Address
0 to 1 byte
CRC Checksum
Whitening
Address
0 to 1
byte
Payload
0 to 255 bytes
CRC
0, 1 or 2 bytes
Preamble
8 to 65535
bits
Sync Word
0 to 8 bytes
Length
1 byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com