Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 71 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 71 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 67Page - Semtech Corporation LLCC68 Datasheet HTML 68Page - Semtech Corporation LLCC68 Datasheet HTML 69Page - Semtech Corporation LLCC68 Datasheet HTML 70Page - Semtech Corporation LLCC68 Datasheet HTML 71Page - Semtech Corporation LLCC68 Datasheet HTML 72Page - Semtech Corporation LLCC68 Datasheet HTML 73Page - Semtech Corporation LLCC68 Datasheet HTML 74Page - Semtech Corporation LLCC68 Datasheet HTML 75Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
71 of 106
Semtech
www.semtech.com
For more details on the specific frequency bands, see Section 9.2.1 "Image Calibration for Specific Frequency Bands" on
page 51.
13.1.14 SetPaConfig
SetPaConfig is controlled as mentioned below.
paDutyCycle controls the duty cycle (conduction angle). The maximum output power, the power consumption, and the
harmonics will drastically change with paDutyCycle. The values given across this datasheet are the recommended settings
to achieve the best efficiency of the PA. Changing the paDutyCycle will affect the distribution of the power in the harmonics
and should be selected to work in conjunction with a given matching network.
hpMax selects the size of the PA. The maximum output power can be reduced by reducing the value of hpMax. The valid
range is between 0x00 and 0x07 and 0x07 is the maximum supported value to achieve +22 dBm output power. Increasing
hpMax above 0x07 could cause early aging of the device could damage the device when used in extreme temperatures.
deviceSel is reserved and has always the value 0x00.
paLut is reserved and has always the value 0x01.
13.1.14.1 PA Optimal Settings
PA optimal settings are used to maximize the PA efficiency when the requested output power is lower than the nominal
+22 dBm. For example, the maximum output power in Japan is +10 dBm, and in China it is +17 dBm in some bands. Those
optimal settings require:
•
a dedicated matching / PA load impedance
•
a specific tweaking of the PA settings, described in Table 13-21: PA Operating Modes with Optimal Settings
Table 13-20: SetPaConfig SPI Transaction
Byte
0
1
2
3
4
Data from host
Opcode = 0x95
paDutyCycle
hpMax
deviceSel
reserved and
always 0x00
paLut
reserved and
always 0x01
Table 13-21: PA Operating Modes with Optimal Settings
Output Power
paDutyCycle
hpMax
deviceSel
paLut
Value in
SetTxParams1
1. See Section 13.4.4 "SetTxParams" on page 79.
+22 dBm
0x04
0x07
0x00
0x01
+22 dBm
+20 dBm
0x03
0x05
0x00
0x01
+22 dBm
+17 dBm
0x02
0x03
0x00
0x01
+22 dBm
+14 dBm
0x02
0x02
0x00
0x01
+22 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com