Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 1 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 1 Page - Semtech Corporation

  LLCC68 Datasheet HTML 1Page - Semtech Corporation LLCC68 Datasheet HTML 2Page - Semtech Corporation LLCC68 Datasheet HTML 3Page - Semtech Corporation LLCC68 Datasheet HTML 4Page - Semtech Corporation LLCC68 Datasheet HTML 5Page - Semtech Corporation LLCC68 Datasheet HTML 6Page - Semtech Corporation LLCC68 Datasheet HTML 7Page - Semtech Corporation LLCC68 Datasheet HTML 8Page - Semtech Corporation LLCC68 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 106 page
background image
1 of 106
Semtech
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
LLCC68
Long Range, Low Power, sub-GHz
RF Transceiver
www.semtech.com
Figure A: LLCC68 Block Diagram
General Description
The LLCC68 sub-GHz radio transceiver is ideal for long
range wireless applications. It is designed for long battery
life with just 4.2 mA of active receive current consumption.
The LLCC68 can transmit up to +22 dBm with highly
efficient integrated power amplifiers.
The LLCC68 supports LoRa® modulation for LPWAN use
cases and (G)FSK modulation for legacy use cases. It is
highly
configurable
to
meet
different
application
requirements for industry and consumer use.
The device provides LoRa® modulation compatible with
Semtech transceivers used by the LoRaWAN™ specification
released by the LoRa Alliance™.
The radio is suitable for systems targeting compliance with
radio regulations including but not limited to ETSI EN 300
220, FCC CFR 47 Part 15, China regulatory requirements
and the Japanese ARIB T-108. Continuous frequency
coverage from 150 MHz to 960 MHz allows the support of
all major sub-GHz ISM bands around the world.
Applications
The level of integration and the low consumption of the
LLCC68 enable a new generation of Internet of Things
applications.
•
Smart meters
•
Supply chain and logistics
•
Building automation
•
Agricultural sensors
•
Smart cities
•
Retail store sensors
•
Asset tracking
•
Street lights
•
Parking sensors
•
Environmental sensors
•
Healthcare
•
Safety and security sensors
•
Remote control applications
LoRa
TM
Modem
Analog Front End & Data Conversion
FSK
Modem
Data
Buffer
ADC
PA
LNA
Matching
+
LPF
LDO
DC-DC
SPI
Protocol
Engine
OSC
PLL


Similar Part No. - LLCC68

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LLCC68 SEMTECH-LLCC68 Datasheet
4Mb / 111P
Long Range, Low Power, sub-GHz RF Transceiver
Rev. 1.1
LLCC68IMLTRT SEMTECH-LLCC68IMLTRT Datasheet
4Mb / 111P
Long Range, Low Power, sub-GHz RF Transceiver
Rev. 1.1
LLCC68 SEMTECH-LLCC68_V01 Datasheet
4Mb / 111P
Long Range, Low Power, sub-GHz RF Transceiver
Rev. 1.1
More results

Similar Description - LLCC68

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1100E TI-CC1100E_13 Datasheet
2Mb / 97P
Low-Power Sub-GHz RF Transceiver
CC1100ERGPR TI-CC1100ERGPR Datasheet
2Mb / 97P
Low-Power Sub-GHz RF Transceiver
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
Low Power Long Range Transceiver
logo
Texas Instruments
CC1100E TI1-CC1100E_14 Datasheet
1Mb / 95P
Low-Power Sub-GHz RF Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
Low Power Long Range Transceiver
logo
Semtech Corporation
SX1261 SEMTECH-SX1261 Datasheet
2Mb / 107P
Long Range, Low Power, sub-GHz RF Transceiver
SX1268 SEMTECH-SX1268 Datasheet
2Mb / 105P
Long Range, Low Power, sub-GHz RF Transceiver
logo
AUREL S.p.A.
650201476G AUREL-650201476G Datasheet
118Kb / 1P
Long Range & Low Power 2.4 GHz Multichannel Transceiver
07.07.2021
650201516G AUREL-650201516G Datasheet
1Mb / 1P
Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com