Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 65 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 65 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 61Page - Semtech Corporation LLCC68 Datasheet HTML 62Page - Semtech Corporation LLCC68 Datasheet HTML 63Page - Semtech Corporation LLCC68 Datasheet HTML 64Page - Semtech Corporation LLCC68 Datasheet HTML 65Page - Semtech Corporation LLCC68 Datasheet HTML 66Page - Semtech Corporation LLCC68 Datasheet HTML 67Page - Semtech Corporation LLCC68 Datasheet HTML 68Page - Semtech Corporation LLCC68 Datasheet HTML 69Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
65 of 106
Semtech
www.semtech.com
This command sets the chip in RX mode, waiting for the reception of one or several packets. The receiver mode operates
with a timeout to provide maximum flexibility to end users.
When the timeout is active (0x000000 < timeout < 0xFFFFFF), the radio will stop the reception at the end of the timeout
period unless a preamble and Sync Word (in GFSK) or Header (in LoRa®) has been detected. This is to ensure that a valid
packet will not be dropped in the middle of the reception due to the pre-defined timeout. By default, the timer will be
stopped only if the Sync Word or header has been detected. However, it is also possible to stop the timer upon preamble
detection by using the command StopTimerOnPreamble(...).
13.1.6 StopTimerOnPreamble
The command StopTimerOnPreamble(...) allows the user to select if the timer is stopped upon preamble detection of Sync
Word / header detection.
The enable byte definition is given in the following table.
By default, the timer is stopped only when the Sync Word (in GFSK) or Header (in LoRa®) has been detected. When the
function StopTimerOnPreamble(...) is used with the value enable at 0x01, then the timer will be stopped upon preamble
Table 13-9: SetRx Timeout Duration
Timeout(23:0)
Timeout Duration
0x000000
No timeout. Rx Single mode. The device will stay in RX Mode until a reception occurs and the devices return
in STBY_RC mode upon completion
0xFFFFFF
Rx Continuous mode. The device remains in RX mode until the host sends a command to change the
operation mode. The device can receive several packets. Each time a packet is received, a packet done
indication is given to the host and the device will automatically search for a new packet.
Others
Timeout active. The device remains in RX mode, it returns automatically to STBY_RC mode on timer
end-of-count or when a packet has been received. As soon as a packet is detected, the timer is automatically
disabled to allow complete reception of the packet. The maximum timeout is then 262 s.
Table 13-10: StopTimerOnPreamble SPI Transaction
Byte
0
1
Data from host
Opcode = 0x9F
StopOnPreambleParam
Table 13-11: StopOnPreambParam Definition
StopOnPreambleParam
Value
Description
disable
0x00
Timer is stopped upon Sync Word or Header detection
enable
0x01
Timer is stopped upon preamble detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com