Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 92 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 92 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 88Page - Semtech Corporation LLCC68 Datasheet HTML 89Page - Semtech Corporation LLCC68 Datasheet HTML 90Page - Semtech Corporation LLCC68 Datasheet HTML 91Page - Semtech Corporation LLCC68 Datasheet HTML 92Page - Semtech Corporation LLCC68 Datasheet HTML 93Page - Semtech Corporation LLCC68 Datasheet HTML 94Page - Semtech Corporation LLCC68 Datasheet HTML 95Page - Semtech Corporation LLCC68 Datasheet HTML 96Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
92 of 106
Semtech
www.semtech.com
13.5.4 GetRssiInst
This command returns the instantaneous RSSI value during reception of the packet. The command is valid for all protocols.
13.5.5 GetStats
This command returns the number of informations received on a few last packets. The command is valid for all protocols.
13.5.6 ResetStats
This command resets the value read by the command GetStats. To execute this command, the opCode is 0x00 followed by
6 zeros (so 7 zeros in total).
SnrPkt
LoRa®
Estimation of SNR on last packet received in two’s compliment format multiplied by 4.
Actual SNR in dB =SnrPkt/4
SignalRssiPkt
LoRa®
Estimation of RSSI of the
LoRa® signal (after despreading) on last packet received.
Actual Rssi in dB = -SignalRssiPkt/2
Table 13-81: GetRssiInst SPI Transaction
Byte
0
1
2
Data from host
Opcode = 0x15
NOP
NOP
Data to host
RFU
Status
RssiInst
Signal power in dBm = –RssiInst/2 (dBm)
Table 13-82: GetStats SPI Transaction
Byte
0
1
2-3
4-5
6-7
Data from host
Opcode =
0x10
NOP
NOP
NOP
NOP
Data to host in GFSK
packet type
RFU
Status
NbPktReceived(15:0)
NbPktCrcError(15:0)
NbPktLengthError(15:0)
Data to host in LoRa®
packet type
RFU
Status
NbPktReceived(15:0)
NbPktCrcError(15:0)
NbPktHeaderErr(15:0)
Table 13-83: ResetStats SPI Transaction
Byte
0
1-6
Data from host
opCode = 0x00
0x00
Table 13-80: Status Fields
RSSI
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com