Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 95 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 95 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 91Page - Semtech Corporation LLCC68 Datasheet HTML 92Page - Semtech Corporation LLCC68 Datasheet HTML 93Page - Semtech Corporation LLCC68 Datasheet HTML 94Page - Semtech Corporation LLCC68 Datasheet HTML 95Page - Semtech Corporation LLCC68 Datasheet HTML 96Page - Semtech Corporation LLCC68 Datasheet HTML 97Page - Semtech Corporation LLCC68 Datasheet HTML 98Page - Semtech Corporation LLCC68 Datasheet HTML 99Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
95 of 106
Semtech
www.semtech.com
14.3 Circuit Configuration for Basic Rx Operation
This chapter describes the sequence of operations needed to receive a frame starting from a power up. This sequence is
valid for all protocols.
After power up (battery insertion or hard reset) the chip run automatically a calibration procedure and goes to STDBY_RC
mode. This is indicated by a low state on BUSY pin. From this state the steps are:
1. If not in STDBY_RC mode, then set the circuit in this mode with the command SetStandby()
2. Define the protocol (LoRa® or FSK) with the command SetPacketType(...)
3. Define the RF frequency with the command SetRfFrequency(...)
4. Define where the data will be stored inside the data buffer in Rx with the command SetBufferBaseAddress(...)
5. Define the modulation parameter according to the chosen protocol with the command SetModulationParams(...)1
6. Define the frame format to be used with the command SetPacketParams(...)
7. Configure DIO and IRQ: use the command SetDioIrqParams(...) to select the IRQ RxDone and map this IRQ to a DIO
(DIO1 or DIO2 or DIO3), set IRQ Timeout as well.
8. Define Sync Word value: use the command WriteReg(...) to write the value of the register via direct register access.
9. Set the circuit in reception mode: use the command SetRx(). Set the parameter to enable timeout or continuous mode
10. Wait for IRQ RxDone2 or Timeout: the chip will stay in Rx and look for a new packet if the continuous mode is selected
otherwise it will goes to STDBY_RC mode.
11. In case of the IRQ RxDone, check the status to ensure CRC is correct: use the command GetIrqStatus()
Note:
The IRQ RxDone means that a packet has been received but the CRC could be wrong: the user must check the CRC before
validating the packet.
12. Clear IRQ flag RxDone or Timeout: use the command ClearIrqStatus(). In case of a valid packet (CRC OK), get the packet
length and address of the first byte of the received payload by using the command GetRxBufferStatus(...)
13. In case of a valid packet (CRC OK), start reading the packet
14.4 Issuing Commands in the Right Order
Most of the commands can be sent in any order except for the radio configuration commands which will set the radio in
the proper operating mode. Indeed, it is mandatory to set the radio protocol using the command SetPacketType(...) as a first
step before issuing any other radio configuration commands. In a second step, the user should define the modulation
parameter according to the chosen protocol with the command SetModulationParams(...). Finally, the user should then
select the packet format with the command SetPacketParams(...).
Note:
If this order is not respected, the behavior of the device could be unexpected.
1.
Please refer to Section 15.4
2.
Please refer to Section 15.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com