Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 97 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 97 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 93Page - Semtech Corporation LLCC68 Datasheet HTML 94Page - Semtech Corporation LLCC68 Datasheet HTML 95Page - Semtech Corporation LLCC68 Datasheet HTML 96Page - Semtech Corporation LLCC68 Datasheet HTML 97Page - Semtech Corporation LLCC68 Datasheet HTML 98Page - Semtech Corporation LLCC68 Datasheet HTML 99Page - Semtech Corporation LLCC68 Datasheet HTML 100Page - Semtech Corporation LLCC68 Datasheet HTML 101Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
97 of 106
Semtech
www.semtech.com
15. Known Limitations
This section summarizes the known limitations of the LLCC68 chip, and the related workarounds.
15.1 Modulation Quality with 500 kHz LoRa® Bandwidth
15.1.1 Description
Some sensitivity degradation may be observed on any LoRa device, when receiving signals transmitted by the LLCC68 with
a LoRa BW of 500 kHz.
15.1.2 Workaround
Before any packet transmission, bit #2 at address 0x0889 shall be set to:
•
0 if the LoRa BW = 500 kHz
•
1 for any other LoRa BW
•
1 for any (G)FSK configuration
The following pseudo-code can be used before each packet transmission, to properly configure the chip:
15.2 Better Resistance of the LLCC68 Tx to Antenna Mismatch
15.2.1 Description
The LLCC68 platform embeds a Power Amplifier (PA) clamping mechanism, backing-off the power when over-voltage
conditions are detected internally. This method is put in place to protect the internal devices and ensure long-term
reliability of the chip. Considering a high-power operation of the LLCC68 (supporting +22dBm on-chip), these “clamping”
devices are overly protective, causing the chip to back-down its output power when even a reasonable mismatch is
detected at the PA output. The observation is typically 5 to 6 dB less output power than the expected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com