Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 68 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 68 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 64Page - Semtech Corporation LLCC68 Datasheet HTML 65Page - Semtech Corporation LLCC68 Datasheet HTML 66Page - Semtech Corporation LLCC68 Datasheet HTML 67Page - Semtech Corporation LLCC68 Datasheet HTML 68Page - Semtech Corporation LLCC68 Datasheet HTML 69Page - Semtech Corporation LLCC68 Datasheet HTML 70Page - Semtech Corporation LLCC68 Datasheet HTML 71Page - Semtech Corporation LLCC68 Datasheet HTML 72Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
68 of 106
Semtech
www.semtech.com
Figure 13-3: RX Duty Cycle when Receiving
Note: when using a TCXO controlled by the LLCC68 itself, the startup delay defined in delay(23:0) will be added
between the Sleep and Rx periods
13.1.8 SetCAD
The command SetCAD() can be used only in LoRa® packet type. The Channel Activity Detection is a LoRa® specific mode of
operation where the device searches for the presence of a LoRa® preamble signal. After the search has completed, the
device returns in STDBY_RC mode. The length of the search is configured via the command SetCadParams(...). At the end of
the search period, the device triggers the IRQ CADdone if it has been enabled. If a valid signal has been detected it also
generates the IRQ CadDetected.
13.1.9 SetTxContinuousWave
SetTxContinuousWave() is a test command available for all packet types to generate a continuous wave (RF tone) at selected
frequency and output power. The device stays in TX continuous wave until the host sends a mode configuration command.
Table 13-13: SetCAD SPI Transaction
Byte
0
Data from host
Opcode = 0xC5
Table 13-14: SetTxContinuousWave SPI Transaction
Byte
0
Data from host
Opcode = 0xD1
time
Radio Current
Preamble Detected
2 x rxPeriod + sleepPeriod
Radio in RX mode
Radio in STDBY_RC
500 us
Radio in SLEEP mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com