Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 18 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 14Page - Semtech Corporation LLCC68 Datasheet HTML 15Page - Semtech Corporation LLCC68 Datasheet HTML 16Page - Semtech Corporation LLCC68 Datasheet HTML 17Page - Semtech Corporation LLCC68 Datasheet HTML 18Page - Semtech Corporation LLCC68 Datasheet HTML 19Page - Semtech Corporation LLCC68 Datasheet HTML 20Page - Semtech Corporation LLCC68 Datasheet HTML 21Page - Semtech Corporation LLCC68 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
18 of 106
Semtech
www.semtech.com
3.5.2 General Specifications
Table 3-7: General Specifications
Symbol
Description
Conditions
Min
Typ
Max
Unit
FR
Synthesizer frequency range
-
150
-
960
MHz
FSTEP
Synthesizer frequency step
Bit 2 of TxModulation = 1 (main use)
Bit 2 of TxModulation = 0 (see Section 15.)
-
-
0.95
122
-
-
Hz
Hz
PHN1 2
Synthesizer phase noise
(for 868 / 915 MHz)
1 kHz offset
10 kHz offset
100 kHz offset
1MHz offset
10 MHz offset
-
-
-
-
-
-75
-95
-100
-120
-135
-
-
-
-
-
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
TS_FS
Synthesizer wake-up time
From STDBY_XOSC mode
-
40
-
s
TS_OSC
Crystal oscillator
wake-up time
from STDBY_RC3
-
150
-
s
OSC_TRM
Crystal oscillator trimming
range for crystal frequency
error compensation 4
+/-15
+/-30
-
ppm
BR_F
Bit rate, FSK
Programmable
Minimum modulation index is 0.5
0.6
-
300 5
kb/s
FDA
Frequency deviation, FSK
Programmable
FDA + BR_F / 2
 250 kHz
0.6
-
200
kHz
BR_L
Bit rate LoRa®
Min. for SF9, BW_L = 125 kHz
Max. for SF5, BW_L = 500 kHz
1.76
-
62.5 6
kb/s
BW_L
Signal BW, LoRa®
Programmable
125
-
500 6
kHz
SF
Spreading factor for LoRa®
Programmable, chips/symbol = 2^SF
5
-
97
108
119
-
VTCXO
Regulated voltage range for
TCXO voltage supply
Min/Max values in typical conditions,
Typ value for default setting
VDDop > VTCXO + 200 mV
1.6
1.7
3.3
V
ILTCXO
Load current for
TCXO regulator
-1.5
4
mA
TSVTCXO
Start-up time for
TCXO regulator
From enable to regulated voltage
within 25 mV from target
--
100
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com