Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 22 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 18Page - Semtech Corporation LLCC68 Datasheet HTML 19Page - Semtech Corporation LLCC68 Datasheet HTML 20Page - Semtech Corporation LLCC68 Datasheet HTML 21Page - Semtech Corporation LLCC68 Datasheet HTML 22Page - Semtech Corporation LLCC68 Datasheet HTML 23Page - Semtech Corporation LLCC68 Datasheet HTML 24Page - Semtech Corporation LLCC68 Datasheet HTML 25Page - Semtech Corporation LLCC68 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
22 of 106
Semtech
www.semtech.com
4. Circuit Description
Figure 4-1: LLCC68 Block Diagram
LLCC68 is a half-duplex RF transceiver operating in the sub-GHz frequency bands and can handle constant envelope
modulations schemes such as LoRa® or FSK.
4.1 Clock References
4.1.1 RC Frequency References
Two RC oscillators are available: 64 kHz and 13 MHz RC oscillators. The 64 kHz RC oscillator (RC64k) is optionally used by the
circuit in SLEEP mode to wake-up the transceiver when performing periodic or duty cycled operations. Several commands
make use of this 64 kHz RC oscillator (called RTC across this document) to generate time-based events. The 13 MHz RC
oscillator (RC13M) is enabled for all SPI communication to permit configuration of the device without the need to start the
crystal oscillator. Both RC oscillators are supplied directly from the battery.
4.1.2 High-Precision Frequency Reference
In the LLCC68 the high-precision frequency reference can come either from an on-chip crystal oscillator (OSC) using an
external crystal resonator or from an external TCXO (Temperature Compensated Crystal Oscillator), supplied by an internal
regulator.
The LLCC68 comes in a small form factor 4 x 4 mm QFN package and is able to transmit up to +22 dBm. When in transmit
mode the circuit may heat up depending on the output power and current consumption. Careful PCB design using thermal
isolation techniques must be applied between the circuit and the crystal resonator to avoid transferring the heat to the
external crystal resonator.
LoRa
TM
Modem
Analog Front End & Data Conversion
FSK
Modem
Data
Buffer
ADC
PA
LNA
Matching
+
LPF
LDO
DC-DC
SPI
Protocol
Engine
OSC
PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com