Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 64 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 64 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 60Page - Semtech Corporation LLCC68 Datasheet HTML 61Page - Semtech Corporation LLCC68 Datasheet HTML 62Page - Semtech Corporation LLCC68 Datasheet HTML 63Page - Semtech Corporation LLCC68 Datasheet HTML 64Page - Semtech Corporation LLCC68 Datasheet HTML 65Page - Semtech Corporation LLCC68 Datasheet HTML 66Page - Semtech Corporation LLCC68 Datasheet HTML 67Page - Semtech Corporation LLCC68 Datasheet HTML 68Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
64 of 106
Semtech
www.semtech.com
•
Starting from STDBY_RC mode, the oscillator is switched ON followed by the PLL, then the PA is switched ON and the
PA regulator starts ramping according to the ramping time defined by the command SetTxParams(...)
•
When the ramping is completed the packet handler starts the packet transmission
•
When the last bit of the packet has been sent, an IRQ TX_DONE is generated, the PA regulator is ramped down, the PA
is switched OFF and the chip goes back to STDBY_RC mode
•
A TIMEOUT IRQ is triggered if the TX_DONE IRQ is not generated within the given timeout period
•
The chip goes back to STBY_RC mode after a TIMEOUT IRQ or a TX_DONE IRQ.
The timeout duration can be computed with the formula:
Timeout duration = Timeout * 15.625 µs
Timeout is a 23-bit parameter defining the number of step used during timeout as defined in the following table.
The value given for the timeout should be calculated for a given packet size, given modulation and packet parameters. The
timeout behaves as a security in case of conflicting commands from the host controller.
The timeout in Tx mode can be used as a security to ensure that if for any reason the Tx is aborted or does not succeed (ie.
the TxDone IRQ never is never triggered), the TxTimeout will prevent the system from waiting for an unknown amount of
time. Using the timeout while in Tx mode remove the need to use resources from the host MCU to perform the same task.
13.1.5 SetRx
The command SetRx() sets the device in receiver mode.
Table 13-7: SetTx Timeout Duration
Timeout(23:0)
Timeout Duration
0x000000
Timeout disable, Tx Single mode, the device will stay in TX Mode until the packet is transmitted and returns
in STBY_RC mode upon completion.
Others
Timeout active, the device remains in TX mode, it returns automatically to STBY_RC mode on timer
end-of-count or when a packet has been transmitted. The maximum timeout is then 262 s.
Table 13-8: SetRx SPI Transaction
Byte
0
1-3
Data from host
Opcode = 0x82
timeout(23:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com