Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 8 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 4Page - Semtech Corporation LLCC68 Datasheet HTML 5Page - Semtech Corporation LLCC68 Datasheet HTML 6Page - Semtech Corporation LLCC68 Datasheet HTML 7Page - Semtech Corporation LLCC68 Datasheet HTML 8Page - Semtech Corporation LLCC68 Datasheet HTML 9Page - Semtech Corporation LLCC68 Datasheet HTML 10Page - Semtech Corporation LLCC68 Datasheet HTML 11Page - Semtech Corporation LLCC68 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
8 of 106
Semtech
www.semtech.com
List of Tables
Table 2-1: LLCC68 Pinout in QFN 4x4 24L ............................................................................................... 12
Table 3-1: ESD and Latch-up Notice .......................................................................................................... 14
Table 3-2: Absolute Maximum Ratings..................................................................................................... 14
Table 3-3: Operating Range.......................................................................................................................... 14
Table 3-4: Crystal Specifications ................................................................................................................. 15
Table 3-5: Power Consumption................................................................................................................... 16
Table 3-6: Power Consumption in Transmit Mode .............................................................................. 17
Table 3-7: General Specifications ............................................................................................................... 18
Table 3-8: Receive Mode Specifications................................................................................................... 19
Table 3-9: Transmit Mode Specifications................................................................................................. 21
Table 3-10: Digital I/O Specifications ........................................................................................................ 21
Table 4-1: Internal Foot Capacitor Configuration................................................................................. 23
Table 4-2: Intermediate Frequencies in FSK Mode .............................................................................. 25
Table 4-3: Intermediate Frequencies in LoRa® Mode.......................................................................... 26
Table 4-4: Power Amplifier Summary ....................................................................................................... 28
Table 5-1: Regulation Type versus Circuit Mode................................................................................... 29
Table 5-2: OCP Configuration ...................................................................................................................... 29
Table 5-3: Recommended 15 μH Inductors ............................................................................................ 31
Table 6-1: Range of Spreading Factors (SF) ............................................................................................ 33
Table 6-2: Signal Bandwidth Setting in LoRa® Mode........................................................................... 34
Table 6-3: Coding Rate Overhead .............................................................................................................. 34
Table 6-4: Bandwidth Definition in FSK Packet Type .......................................................................... 38
Table 6-5: Whitening Initial Value .............................................................................................................. 41
Table 6-6: CRC Type Configuration............................................................................................................ 42
Table 6-7: CRC Initial Value ........................................................................................................................... 42
Table 6-8: CRC Polynomial ............................................................................................................................ 42
Table 8-1: SPI Timing Requirements.......................................................................................................... 46
Table 8-2: Switching Time............................................................................................................................. 48
Table 8-3: Digital Pads Configuration for each Chip Mode............................................................... 49
Table 8-4: IRQ Status Registers .................................................................................................................... 50
Table 9-1: LLCC68 Operating Modes......................................................................................................... 51
Table 9-2: Image Calibration Over the ISM Bands ................................................................................ 52
Table 9-3: Rx Gain Configuration................................................................................................................ 53
Table 10-1: SPI Interface Command Sequence ..................................................................................... 56
Table 11-1: Commands Selecting the Operating Modes of the Radio ......................................... 57
Table 11-2: Commands to Access the Radio Registers and FIFO Buffer....................................... 58
Table 11-3: Commands Controlling the Radio IRQs and DIOs......................................................... 58
Table 11-4: Commands Controlling the RF and Packets Settings .................................................. 58
Table 11-5: Commands Returning the Radio Status............................................................................ 59
Table 12-1: List of Registers .......................................................................................................................... 60
Table 13-1: SetSleep SPI Transaction ........................................................................................................ 62
Table 13-2: Sleep Mode Definition............................................................................................................. 62
Table 13-3: SetConfig SPI Transaction ...................................................................................................... 63
Table 13-4: STDBY Mode Configuration .................................................................................................. 63
Table 13-5: SetFs SPI Transaction ............................................................................................................... 63
Table 13-6: SetTx SPI Transaction............................................................................................................... 63
Table 13-7: SetTx Timeout Duration.......................................................................................................... 64
Table 13-8: SetRx SPI Transaction............................................................................................................... 64
Table 13-9: SetRx Timeout Duration ......................................................................................................... 65
Table 13-10: StopTimerOnPreamble SPI Transaction ......................................................................... 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com