Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 12 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 8Page - Semtech Corporation LLCC68 Datasheet HTML 9Page - Semtech Corporation LLCC68 Datasheet HTML 10Page - Semtech Corporation LLCC68 Datasheet HTML 11Page - Semtech Corporation LLCC68 Datasheet HTML 12Page - Semtech Corporation LLCC68 Datasheet HTML 13Page - Semtech Corporation LLCC68 Datasheet HTML 14Page - Semtech Corporation LLCC68 Datasheet HTML 15Page - Semtech Corporation LLCC68 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
12 of 106
Semtech
www.semtech.com
2. Pin Connection
2.1 I/O Description
Table 2-1: LLCC68 Pinout in QFN 4x4 24L
Pin
Number
Pin
Name
Type
(I = input
O = Output)
Description
0
GND
-
Exposed Ground pad
1
VDD_IN
I
Input voltage for power amplifier regulator, VR_PA
connected to pin 10
2GND
-
Ground
3
XTA
-
Crystal oscillator connection, can be used to input external reference clock
4
XTB
-
Crystal oscillator connection
5GND
-
Ground
6
DIO3
I/O
Multi-purpose digital I/O - external TCXO supply voltage
7
VREG
O
Regulated output voltage from the internal regulator LDO / DC-DC
8GND
-
Ground
9
DCC_SW
O
DC-DC Switcher Output
10
VBAT
I
Supply for the RFIC
11
VBAT_IO
I
Supply for the Digital I/O interface pins (except DIO3)
12
DIO2
I/O
Multi-purpose digital I/O / RF Switch control
13
DIO1
I/O
Multi-purpose digital IO
14
BUSY
O
Busy indicator
15
NRESET
I
Reset signal, active low
16
MISO
O
SPI slave output
17
MOSI
I
SPI slave input
18
SCK
I
SPI clock
19
NSS
I
SPI Slave Select
20
GND
-
Ground
21
RFI_P
I
RF receiver input
22
RFI_N
I
RF receiver input
23
RFO
O
RF transmitter output
24
VR_PA
-
Regulated power amplifier supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com