Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 69 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 69 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 65Page - Semtech Corporation LLCC68 Datasheet HTML 66Page - Semtech Corporation LLCC68 Datasheet HTML 67Page - Semtech Corporation LLCC68 Datasheet HTML 68Page - Semtech Corporation LLCC68 Datasheet HTML 69Page - Semtech Corporation LLCC68 Datasheet HTML 70Page - Semtech Corporation LLCC68 Datasheet HTML 71Page - Semtech Corporation LLCC68 Datasheet HTML 72Page - Semtech Corporation LLCC68 Datasheet HTML 73Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
69 of 106
Semtech
www.semtech.com
While this command has no real use case in real life, it can provide valuable help to the developer to check and monitor the
performances of the radio while in Tx mode.
13.1.10 SetTxInfinitePreamble
SetTxInfinitePreamble() is a test command to generate an infinite sequence of alternating zeros and ones in FSK modulation.
In LoRa®, the radio is only able to constantly modulate LoRa® preamble symbols. The device will remain in TX infinite
preamble until the host sends a mode configuration command.
While this command has no real use case in real life, it can provide valuable help to the developer to check and monitor the
performances of the radio while modulating in Tx mode.
However, when using this function, it is impossible to define any data sent by the device. In LoRa® mode, the radio is only
able to constantly modulate LoRa preamble symbols and, in FSK mode, the radio is only able to generate FSK preamble
(0x55). Nevertheless, the end user will be able to easily monitor the spectral impact of its modulation parameters.
13.1.11 SetRegulatorMode
By default only the LDO is used. This is useful in low cost applications where the cost of the extra self needed for a DC-DC
converter is prohibitive. Using only a linear regulator implies that the RX or TX current is almost doubled. This function
allows to specify if DC-DC or LDO is used for power regulation. The regulation mode is defined by parameter
regModeParam.
Note:
This function is clearly related to the hardware implementation of the device. The user should always use this command
while knowing what has been implemented at the hardware level.
Table 13-15: SendTxInfinitePreamble SPI Transaction
Byte
0
Data from host
Opcode = 0xD2
Table 13-16: SetRegulatorMode SPI Transaction
Byte
0
1
Data from host
Opcode= 0x96
regModeParam
0: Only LDO used for all modes
1: DC_DC+LDO used for STBY_XOSC,FS, RX and TX modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com