Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 83 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 83 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 79Page - Semtech Corporation LLCC68 Datasheet HTML 80Page - Semtech Corporation LLCC68 Datasheet HTML 81Page - Semtech Corporation LLCC68 Datasheet HTML 82Page - Semtech Corporation LLCC68 Datasheet HTML 83Page - Semtech Corporation LLCC68 Datasheet HTML 84Page - Semtech Corporation LLCC68 Datasheet HTML 85Page - Semtech Corporation LLCC68 Datasheet HTML 86Page - Semtech Corporation LLCC68 Datasheet HTML 87Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
83 of 106
Semtech
www.semtech.com
13.4.6 SetPacketParams
This command is used to set the parameters of the packet handling block.
13.4.6.1 GFSK Packet Parameters
The tables below provide more details on the GFSK packets parameters:
The preamble length is a 16-bit value which represents the number of bytes which will be sent by the radio. Each preamble
byte represents an alternate of 0 and 1 and each byte is coded as 0x55.
The preamble detector acts as a gate to the packet controller, when different from 0x00 (preamble detector length off ), the
packet controller will only become active if a certain number of preamble bits have been successfully received by the radio.
Table 13-51: SetPacketParams SPI Transaction
Byte
0
1
2
3
4
5
6
7
8
9
Data from
host for
packet type
Opcode
= 0x8C
packet
Param1
packet
Param2
packet
Param3
packet
Param4
packet
Param5
packet
Param6
packet
Param7
packet
Param8
packet
Param9
Table 13-52: GFSK PacketParam1 & PacketParam2 - PreambleLength
PreambleLength (15:0)
Description
0x0001 to 0xFFFF
Transmitted preamble length: number of bits sent as preamble
Table 13-53: GFSK PacketParam3 - PreambleDetectorLength
PreambleDetector
Description
0x00
Preamble detector length off
0x04
Preamble detector length 8 bits
0x05
Preamble detector length 16 bits
0x06
Preamble detector length 24 bits
0x07
Preamble detector length 32 bits
Table 13-54: GFSK PacketParam4 - SyncWordLength
SyncWordLength
Description
0x00 to 0x40
Sync Word length in bits (going from 0 to 8 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com