Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC68 Datasheet(PDF) 25 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 25 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 21Page - Semtech Corporation LLCC68 Datasheet HTML 22Page - Semtech Corporation LLCC68 Datasheet HTML 23Page - Semtech Corporation LLCC68 Datasheet HTML 24Page - Semtech Corporation LLCC68 Datasheet HTML 25Page - Semtech Corporation LLCC68 Datasheet HTML 26Page - Semtech Corporation LLCC68 Datasheet HTML 27Page - Semtech Corporation LLCC68 Datasheet HTML 28Page - Semtech Corporation LLCC68 Datasheet HTML 29Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
25 of 106
Semtech
www.semtech.com
4.3 Receiver
The received RF signal is first amplified by a differential Low Noise Amplifier (LNA), then down-converted to low- IF
intermediate frequency by mixers operating in quadrature configuration. The I and Q signals are low-pass filtered and then
digitized by a continuous time feedback architecture
 converter (ADC) allowing more than 80 dB dynamic range. Once
in the digital domain the signal is then decimated, down-converted again, decimated again, channel filtered and finally
demodulated by the selected modem depending on modulation scheme: FSK modem or LoRa® modem.
4.3.1 Intermediate Frequencies
The LLCC68 receiver mostly operates in low-IF configuration, expect for specific high-bandwidth settings.
Table 4-2: Intermediate Frequencies in FSK Mode
Setting Name
Bandwidth [kHz DSB]
Intermediate Frequency [kHz]
RX_BW_467
467.0
250
RX_BW_234
234.3
250
RX_BW_117
117.3
250
RX_BW_58
58.6
250
RX_BW_29
29.3
250
RX_BW_14
14.6
250
RX_BW_7
7.3
250
RX_BW_373
373.6
200
RX_BW_187
187.2
200
RX_BW_93
93.8
200
RX_BW_46
46.9
200
RX_BW_23
23.4
200
RX_BW_11
11.7
200
RX_BW_5
5.8
200
RX_BW_312
312.0
167
RX_BW_156
156.2
167
RX_BW_78
78.2
167
RX_BW_39
39.0
167
RX_BW_19
19.5
167
RX_BW_9
9.7
167
RX_BW_4
4.8
167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com