Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ18913 Datasheet (PDF) - Monolithic Power Systems

MPQ18913 Datasheet PDF - Monolithic Power Systems
Part # MPQ18913
Download  MPQ18913 Download
File Size   1458.09 Kbytes
Page   17 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 30V, 0.3A High Frequency Transformer Driver for Automotive, AEC-Q100

MPQ18913 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ18913 Datasheet PDF - Monolithic Power Systems

Part # MPQ18913
Download  MPQ18913 Click to download

File Size   1458.09 Kbytes
Page   17 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 30V, 0.3A High Frequency Transformer Driver for Automotive, AEC-Q100

MPQ18913 Datasheet (HTML) - Monolithic Power Systems


MPQ18913 Product details

DESCRIPTION
The MPQ18913 is a high frequency half bridge
transformer driver, which is the ideal solution for
the primary side switcher used in isolated power
supplies. It supports a wide input voltage range
of 5V-30V, and integrates two switching FETs
which take up to 300 mA average input current.
The device features wide adjustable switching
frequency range, which is particularly useful in
resonant topologies such as LLC converter. It
also comes with input OVP, OCP, and fault
indicator. Soft start up is built in to control the
inrush current.
The MPQ18913 is available in QFN-10
(2mmx2.5mm) package with wettable flank.

FEATURES
 Half Bridge Transformer Driver for Isolated
LLC Resonant Converter
 Adjustable Switching Frequency Range up
to 5 MHz
 Supports up to 6W
 QFN-10 (2mmx2.5mm) package with
wettable flank
 Available in AEC-Q100 Grade

APPLICATIONS
 Isolated Power Supply
 High Frequency DC-DC Converter
 General Purpose Transformer Driver




Similar Part No. - MPQ18913

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ18021A MPS-MPQ18021A Datasheet
480Kb / 12P
100V, 2.5A, High-Frequency Half-Bridge Gate Driver
MPQ18021AHS MPS-MPQ18021AHS Datasheet
382Kb / 6P
100V, High Frequency Half-Bridge Gate Driver EV Board
MPQ18021HS-A MPS-MPQ18021HS-A Datasheet
480Kb / 12P
100V, 2.5A, High-Frequency Half-Bridge Gate Driver
More results


Similar Description - MPQ18913

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1350 DIODES-ZXLD1350 Datasheet
467Kb / 22P
30V 350mA LED DRIVER with AEC-Q100
Rev 7
ZXLD1360 DIODES-ZXLD1360 Datasheet
319Kb / 25P
d30V 1A LED DRIVER with AEC-Q100
Rev 3
logo
Allegro MicroSystems
A4411 ALLEGRO-A4411 Datasheet
1Mb / 45P
Automotive AEC-Q100 qualified
A8585 ALLEGRO-A8585 Datasheet
3Mb / 35P
Automotive AEC-Q100 qualified
logo
Monolithic Power System...
MPQ4569-AEC1 MPS-MPQ4569-AEC1 Datasheet
1Mb / 17P
75V, 0.3A Synchronous Step-Down Converter AEC-Q100 Qualified
logo
SiTime Corp.
SIT8924B SITIME-SIT8924B Datasheet
610Kb / 17P
Automotive AEC-Q100 Oscillator
SIT8925B SITIME-SIT8925B Datasheet
557Kb / 17P
High Frequency, Automotive AEC-Q100 Oscillator
SIT2024B SITIME-SIT2024B Datasheet
528Kb / 15P
Automotive AEC-Q100 SOT23 Oscillator
SIT2025B SITIME-SIT2025B Datasheet
441Kb / 15P
High Frequency, Automotive AEC-Q100 SOT23 Oscillator
logo
MPS Industries, Inc.
MPQ1923-AEC1 MPSIND-MPQ1923-AEC1 Datasheet
851Kb / 21P
100V, 8A, High-Frequency,Half-Bridge Gate Driver,AEC-Q100 Qualified
7/18/2023 Rev. 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com