Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ18913 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ18913
Description  30V, 0.3A High Frequency Transformer Driver for Automotive, AEC-Q100
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ18913 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ18913 Datasheet HTML 1Page - Monolithic Power Systems MPQ18913 Datasheet HTML 2Page - Monolithic Power Systems MPQ18913 Datasheet HTML 3Page - Monolithic Power Systems MPQ18913 Datasheet HTML 4Page - Monolithic Power Systems MPQ18913 Datasheet HTML 5Page - Monolithic Power Systems MPQ18913 Datasheet HTML 6Page - Monolithic Power Systems MPQ18913 Datasheet HTML 7Page - Monolithic Power Systems MPQ18913 Datasheet HTML 8Page - Monolithic Power Systems MPQ18913 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MPQ18913
30V, 0.3A High Frequency Transformer Driver
for Automotive, AEC-Q100
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MPQ18913 Rev. 0.8
MonolithicPower.com
1
12/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2021 MPS. All Rights Reserved.
DESCRIPTION
The MPQ18913 is a high frequency half bridge
transformer driver, which is the ideal solution for
the primary side switcher used in isolated power
supplies. It supports a wide input voltage range
of 5V-30V, and integrates two switching FETs
which take up to 300 mA average input current.
The device features wide adjustable switching
frequency range, which is particularly useful in
resonant topologies such as LLC converter. It
also comes with input OVP, OCP, and fault
indicator. Soft start up is built in to control the
inrush current.
The
MPQ18913
is
available
in
QFN-10
(2mmx2.5mm) package with wettable flank.
FEATURES
 Half Bridge Transformer Driver for Isolated
LLC Resonant Converter
 Adjustable Switching Frequency Range up
to 5 MHz
 Supports up to 6W
 QFN-10 (2mmx2.5mm) package with
wettable flank
 Available in AEC-Q100 Grade
APPLICATIONS
 Isolated Power Supply
 High Frequency DC-DC Converter
 General Purpose Transformer Driver
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality Assurance.
“MPS”, the MPS logo, and “Simple, Easy Solutions” are trademarks of
Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
TX1
C2
+20V
C3
C5
2.2
μF
R2
D3
C4
2.2
μF
4.7
μF
4.7
μF
-4V
FLT
VCC
VI N
24V
NC
SW
EN/
SYNC
BST
GND
C1
4.7
μF
Cr
C6
C7
FREQ
R1
D1
D2
0.47
μF
2.2
μF
Lr
4.7k
Lm


Similar Part No. - MPQ18913

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ18021A MPS-MPQ18021A Datasheet
480Kb / 12P
100V, 2.5A, High-Frequency Half-Bridge Gate Driver
MPQ18021AHS MPS-MPQ18021AHS Datasheet
382Kb / 6P
100V, High Frequency Half-Bridge Gate Driver EV Board
MPQ18021HS-A MPS-MPQ18021HS-A Datasheet
480Kb / 12P
100V, 2.5A, High-Frequency Half-Bridge Gate Driver
More results

Similar Description - MPQ18913

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1350 DIODES-ZXLD1350 Datasheet
467Kb / 22P
30V 350mA LED DRIVER with AEC-Q100
Rev 7
ZXLD1360 DIODES-ZXLD1360 Datasheet
319Kb / 25P
d30V 1A LED DRIVER with AEC-Q100
Rev 3
logo
Allegro MicroSystems
A4411 ALLEGRO-A4411 Datasheet
1Mb / 45P
Automotive AEC-Q100 qualified
A8585 ALLEGRO-A8585 Datasheet
3Mb / 35P
Automotive AEC-Q100 qualified
logo
Monolithic Power System...
MPQ4569-AEC1 MPS-MPQ4569-AEC1 Datasheet
1Mb / 17P
75V, 0.3A Synchronous Step-Down Converter AEC-Q100 Qualified
logo
SiTime Corp.
SIT8924B SITIME-SIT8924B Datasheet
610Kb / 17P
Automotive AEC-Q100 Oscillator
SIT8925B SITIME-SIT8925B Datasheet
557Kb / 17P
High Frequency, Automotive AEC-Q100 Oscillator
SIT2024B SITIME-SIT2024B Datasheet
528Kb / 15P
Automotive AEC-Q100 SOT23 Oscillator
SIT2025B SITIME-SIT2025B Datasheet
441Kb / 15P
High Frequency, Automotive AEC-Q100 SOT23 Oscillator
logo
MPS Industries, Inc.
MPQ1923-AEC1 MPSIND-MPQ1923-AEC1 Datasheet
851Kb / 21P
100V, 8A, High-Frequency,Half-Bridge Gate Driver,AEC-Q100 Qualified
7/18/2023 Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com