Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ18913 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ18913
Description  30V, 0.3A High Frequency Transformer Driver for Automotive, AEC-Q100
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ18913 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ18913 Datasheet HTML 9Page - Monolithic Power Systems MPQ18913 Datasheet HTML 10Page - Monolithic Power Systems MPQ18913 Datasheet HTML 11Page - Monolithic Power Systems MPQ18913 Datasheet HTML 12Page - Monolithic Power Systems MPQ18913 Datasheet HTML 13Page - Monolithic Power Systems MPQ18913 Datasheet HTML 14Page - Monolithic Power Systems MPQ18913 Datasheet HTML 15Page - Monolithic Power Systems MPQ18913 Datasheet HTML 16Page - Monolithic Power Systems MPQ18913 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MPQ18913
– 30V, 0.3A High Frequency Transformer Driver
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MPQ18913 Rev. 0.8
MonolithicPower.com
13
12/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2021 MPS. All Rights Reserved.
PCB LAYOUT GUIDELINES(9)
Efficient PCB layout is critical for standard
operation and EMI performance. For the best
results, refer to Figure 4 and follow the guidelines
below:
1. Place the input capacitor, Vcc capacitor and
BST capacitor as close to the corresponding
pins as possible
2. Place the FREQ resistor as close to the FREQ
pin as possible. Use short and direct trace to
connect the resistor to FREQ pin. The other
terminal
of
FREQ
resistor
should
be
connected to AGND.
3. Connect AGND to power GND through single
point connection.
4. Minimize the area of switch nodes on both
primary side and secondary side to reduce
EMI emission.
5. Place the input filter at the bottom layer to
improve EMI performance.
Note:
9) The recommended layout is based on the typical application
circuit (see Figure 5).
Top Layer
Mid-Layer 1
Mid-Layer 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com