Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ18913 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MPQ18913
Description  30V, 0.3A High Frequency Transformer Driver for Automotive, AEC-Q100
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ18913 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPQ18913 Datasheet HTML 1Page - Monolithic Power Systems MPQ18913 Datasheet HTML 2Page - Monolithic Power Systems MPQ18913 Datasheet HTML 3Page - Monolithic Power Systems MPQ18913 Datasheet HTML 4Page - Monolithic Power Systems MPQ18913 Datasheet HTML 5Page - Monolithic Power Systems MPQ18913 Datasheet HTML 6Page - Monolithic Power Systems MPQ18913 Datasheet HTML 7Page - Monolithic Power Systems MPQ18913 Datasheet HTML 8Page - Monolithic Power Systems MPQ18913 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MPQ18913
– 30V, 0.3A High Frequency Transformer Driver
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MPQ18913 Rev. 0.8
MonolithicPower.com
2
12/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2021 MPS. All Rights Reserved.
SELECTION GUIDE
Part Number
Soft start time
Hiccup time
MPQ18913GRPE-AEC1-Z
1ms
12ms
MPQ18913GRPE-A-AEC1-Z
20ms
120ms
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating
MPQ18913GRPE-AEC1
QFN-10 (2mmx2.5mm)
See Below
1
MPQ18913GRPE-A-AEC1
EVQ-18913-D-00A
Evaluation kit
* For Tape & Reel, add suffix
–Z (e.g. MPQ18913GRPE-AEC1-Z).
TOP MARKING
MPQ18913GRPE-AEC1
ML: Product code of MPQ18913GRPE-AEC1
Y: Year code
LLL: Lot number
TOP MARKING
MPQ18913GRPE-A-AEC1
MM: Product code of MPQ18913GRPE-A-AEC1-Z
Y: Year code
LLL: Lot number
PACKAGE REFERENCE
TOP VIEW
FREQ
NC
BST
SW
GND
VCC
3
VIN
1
8
5
10
2
7
6
9
FLT
4
AGND
Package Diagram
QFN-10 (2mmx2.5mm) package with wettable flank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com