Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX19705 Datasheet (PDF) - Maxim Integrated Products

MAX19705 Datasheet PDF - Maxim Integrated Products
Part # MAX19705
Download  MAX19705 Download
File Size   541.66 Kbytes
Page   37 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit, 45Msps, Ultra-Low-Power Analog Front-End

MAX19705 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX19705 Datasheet PDF - Maxim Integrated Products

Part # MAX19705
Download  MAX19705 Click to download

File Size   541.66 Kbytes
Page   37 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit, 45Msps, Ultra-Low-Power Analog Front-End

MAX19705 Datasheet (HTML) - Maxim Integrated Products


MAX19705 Product details

General Description
The MAX19707 is an ultra-low-power, mixed-signal analog front-end (AFE) designed for power-sensitive communication equipment. Optimized for high dynamic performance at ultra-low power, the device integrates a dual, 10-bit, 45Msps receive (Rx) ADC; dual, 10-bit, 45Msps transmit (Tx) DAC; three fast-settling 12-bit aux-DAC channels for ancillary RF front-end control; and a 10-bit, 333ksps housekeeping aux-ADC. The typical operating power in Tx-Rx FAST mode is 84.6mW at a 45MHz clock frequency.
The Rx ADCs feature 54.2dB SNR and 71.2dBc SFDR at fIN = 5.5MHz and fCLK = 45MHz. The analog I/Q input amplifiers are fully differential and accept 1.024VP-P full-scale signals. Typical I/Q channel matching is ±0.03° phase and ±0.01dB gain.

Features
♦ Dual, 10-Bit, 45Msps Rx ADC and Dual, 10-Bit,
   45Msps Tx DAC
♦ Ultra-Low Power
   84.6mW at fCLK = 45MHz, Fast Mode
   77.1mW at fCLK = 45MHz, Slow Mode
   Low-Current Standby and Shutdown Modes
♦ Programmable Tx DAC Common-Mode DC Level
   and I/Q Offset Trim
♦ Excellent Dynamic Performance
   SNR = 54.2dB at fIN = 5.5MHz (Rx ADC)
   SFDR = 73.2dBc at fOUT = 2.2MHz (Tx DAC)
♦ Three 12-Bit, 1µs Aux-DACs
♦ 10-Bit, 333ksps Aux-ADC with 4:1 Input Mux and
   Data Averaging
♦ Excellent Gain/Phase Match
   ±0.03° Phase, ±0.01dB Gain (Rx ADC) at
   fIN = 5.5MHz
♦ Multiplexed Parallel Digital I/O
♦ Serial-Interface Control
♦ Versatile Power-Control Circuits
   Shutdown, Standby, Idle, Tx/Rx Disable
♦ Miniature 48-Pin Thin QFN Package
   (7mm x 7mm x 0.8mm)

Applications
   WiMAX CPEs
   802.11a/b/g WLAN
   VoIP Terminals
   Portable Communication Equipment




Similar Part No. - MAX19705

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1970 MAXIM-MAX1970 Datasheet
371Kb / 20P
Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX1970 MAXIM-MAX1970 Datasheet
277Kb / 21P
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
Rev 1; 2/09
MAX1970-MAX1972 MAXIM-MAX1970-MAX1972 Datasheet
371Kb / 20P
Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX19700EVCMOD2 MAXIM-MAX19700EVCMOD2 Datasheet
998Kb / 18P
ADC/DAC Sampling Rate Up to 7.5Msps
Rev 0; 6/05
MAX19700EVKIT MAXIM-MAX19700EVKIT Datasheet
998Kb / 18P
ADC/DAC Sampling Rate Up to 7.5Msps
Rev 0; 6/05
More results


Similar Description - MAX19705

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
LOW POWER LOW VOLTAGE ANALOG FRONT END
Nov-1998
logo
Maxim Integrated Produc...
MAX5864 MAXIM-MAX5864 Datasheet
2Mb / 26P
Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
MAX1193 MAXIM-MAX1193 Datasheet
645Kb / 26P
Ultra-Low-Power, 45Msps, Dual 8-Bit ADC
Rev 1; 9/03
MAX5866 MAXIM-MAX5866 Datasheet
737Kb / 26P
Ultra-Low-Power, High-Dynamic- Performance, 60Msps Analog Front End
Rev 0; 2/04
MAX19713 MAXIM-MAX19713 Datasheet
879Kb / 37P
10-Bit, 45Msps, Full-Duplex Analog Front-End
Rev 1; 9/06
MAX19712 MAXIM-MAX19712 Datasheet
770Kb / 36P
10-Bit, 22Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19711 MAXIM-MAX19711 Datasheet
957Kb / 36P
10-Bit, 11Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19710 MAXIM-MAX19710 Datasheet
818Kb / 37P
10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
logo
Texas Instruments
VSP1021 TI1-VSP1021_14 Datasheet
628Kb / 6P
3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
Low Power Analog Front End
Ver.3
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com