Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7506 Datasheet (PDF) - International Rectifier

IRF7506 Datasheet PDF - International Rectifier
Part # IRF7506
Download  IRF7506 Download
File Size   210.51 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET Power MOSFET (VDSS=-30V , RDS(on)=O.27ohm)

IRF7506 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7506 Datasheet PDF - International Rectifier

Part # IRF7506
Download  IRF7506 Click to download

File Size   210.51 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET Power MOSFET (VDSS=-30V , RDS(on)=O.27ohm)

IRF7506 Datasheet (HTML) - International Rectifier


IRF7506 Product details

VDSS = -30V

RDS(on) = 0.27Ω



Description

Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.

The new Micro8 package, with half the footprint area of the standard SO-8, provides the smallest footprint available in an SOIC outline. This makes the Micro8 an ideal device for applications where printed circuit board space is at a premium. The low profile (<1.1mm) of the Micro8 will allow it to fit easily into extremely thin application environments such as portable electronics and PCMCIA cards.



Generation V Technology

Ultra Low On-Resistance

Dual P-Channel MOSFET

Very Small SOIC Package

Low Profile (<1.1mm)

Available in Tape & Reel

Fast Switching

Lead Free




Similar Part No. - IRF7506

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7506 IRF-IRF7506 Datasheet
103Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.27ohm)
IRF7506PBF IRF-IRF7506PBF Datasheet
215Kb / 8P
ULTRA LOW ON RESISTANCE
IRF7506PBF IRF-IRF7506PBF_15 Datasheet
215Kb / 8P
ULTRA LOW ON RESISTANCE
IRF7506TRPBF IRF-IRF7506TRPBF Datasheet
215Kb / 8P
Generation V Technology
More results


Similar Description - IRF7506

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5800 IRF-IRF5800 Datasheet
98Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.085ohm)
IRF7413A IRF-IRF7413A Datasheet
116Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
IRF7416 IRF-IRF7416 Datasheet
116Kb / 9P
Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7603 IRF-IRF7603 Datasheet
113Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
IRF7606 IRF-IRF7606 Datasheet
102Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.09ohm)
IRF9410 IRF-IRF9410 Datasheet
114Kb / 7P
Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
IRF9956 IRF-IRF9956 Datasheet
107Kb / 7P
Power MOSFET(Vdss=30V, Rds(on)=0.10ohm)
SI4435DY IRF-SI4435DY Datasheet
82Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm
IRF7303PBF IRF-IRF7303PBF Datasheet
230Kb / 9P
HEXFET Power MOSFET (VDSS = 30V , RDS(on) = 0.050廓 )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com