Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2159 Datasheet (PDF) - Micrel Semiconductor

MIC2159 Datasheet PDF - Micrel Semiconductor
Part # MIC2159
Download  MIC2159 Download
File Size   636.48 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description SYNCHRONOUS-itty??Step-Down Converter IC

MIC2159 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2159 Datasheet PDF - Micrel Semiconductor

Part # MIC2159
Download  MIC2159 Click to download

File Size   636.48 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description SYNCHRONOUS-itty??Step-Down Converter IC

MIC2159 Datasheet (HTML) - Micrel Semiconductor


MIC2159 Product details

General Description

The MIC2159 is a high efficiency, simple to use synchronous buck controller ICs housed in a 10-pin MSOP ePAD package. The MIC2159 switches at 400kHz, allowing the smallest possible external components and is

designed to drive loads up to 30A. The devices feature high output driver capability, combined with an all n

channel synchronous architecture.



Features

• Small footprint 10-lead ePAD MSOP

• 3V to 14.5V input voltage range

• Adjustable output voltage down to 0.8V

• 400KHz operation

• Drives two n-channel MOSFETs

- Built-in 3Ω drivers

• Simple control: voltage-mode PWM

• Fast transient response

- Transient Hysteretic control

- Externally compensated

• Over-current protection

• Hiccup mode short-circuit protection

• Dual function COMP & EN pin

- ISD = 50µA

• Short minimum ON time

- 30ns

- Very low duty cycle possible



Applications

• Point-of-Load DC/DC conversion

• High Current Power Supplies

• Telecom/datacom and Networking Power Supplies

• Servers and Workstations

• Graphics Cards and other PC Peripherals




Similar Part No. - MIC2159

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2159YMME MICREL-MIC2159YMME Datasheet
436Kb / 16P
SYNCHRONOUS-itty Step-Down Converter IC
MIC2159 MICREL-MIC2159_09 Datasheet
436Kb / 16P
SYNCHRONOUS-itty Step-Down Converter IC
More results


Similar Description - MIC2159

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2159 MICREL-MIC2159_09 Datasheet
436Kb / 16P
SYNCHRONOUS-itty Step-Down Converter IC
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
Synchronous Step-Down Converter
logo
Rohm
BD90521MUV-C ROHM-BD90521MUV-C Datasheet
2Mb / 42P
Synchronous Step-Down Converter
BD90541MUV-C ROHM-BD90541MUV-C Datasheet
2Mb / 40P
Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
Synchronous Step-Down Converter
RT2856 RICHTEK-RT2856 Datasheet
308Kb / 19P
Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
Synchronous Step-Down Converter
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
Synchronous Step-Down Converter
RT7249 RICHTEK-RT7249 Datasheet
275Kb / 17P
Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com