Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2159 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2159
Description  SYNCHRONOUS-itty??Step-Down Converter IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2159 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2159 Datasheet HTML 1Page - Micrel Semiconductor MIC2159 Datasheet HTML 2Page - Micrel Semiconductor MIC2159 Datasheet HTML 3Page - Micrel Semiconductor MIC2159 Datasheet HTML 4Page - Micrel Semiconductor MIC2159 Datasheet HTML 5Page - Micrel Semiconductor MIC2159 Datasheet HTML 6Page - Micrel Semiconductor MIC2159 Datasheet HTML 7Page - Micrel Semiconductor MIC2159 Datasheet HTML 8Page - Micrel Semiconductor MIC2159 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Micrel
MIC2159
October 2006
4
M9999-101206
Temperature Coefficient
2300
ppm/°C
Parameter
Condition
Min
Typ
Max
Units
Output Fault Correction Thresholds
Upper Threshold,
VFB_OVT
2
3.5
5
%
Lower Threshold,
VFB_UVT
-2
-3.5
-5
%
Gate Drivers
Rise/Fall Time
Into 3000pF at VIN > 5V
15
ns
Output Driver Impedance
Source, VIN= 4.5V
Sink, VIN = 4.5V
Source, VIN= 3V
Sink, VIN = 3V
2.5
2.5
3
3
3
3
4
4
Ω
Driver Non-overlap Time
Note 3
50
ns
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Guaranteed by design
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
5. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com