Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2159 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2159
Description  SYNCHRONOUS-itty??Step-Down Converter IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2159 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2159 Datasheet HTML 1Page - Micrel Semiconductor MIC2159 Datasheet HTML 2Page - Micrel Semiconductor MIC2159 Datasheet HTML 3Page - Micrel Semiconductor MIC2159 Datasheet HTML 4Page - Micrel Semiconductor MIC2159 Datasheet HTML 5Page - Micrel Semiconductor MIC2159 Datasheet HTML 6Page - Micrel Semiconductor MIC2159 Datasheet HTML 7Page - Micrel Semiconductor MIC2159 Datasheet HTML 8Page - Micrel Semiconductor MIC2159 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Micrel
MIC2159
October 2006
3
M9999-101206
Absolute Maximum Rating
(1)
Supply Voltage (VIN)....................................................15.5V
Booststrapped Voltage (VBST) ..................................VIN +5V
Junction Temperature Range..............–40
°C ≤ TJ ≤ +125°C
Ambient Storage Temp .............................–65
°C to +150°C
Operating Ratings
(2)
Supply Voltage.............................................. +3V to +14.5V
Output Voltage Range ................................0.8V to VIN*DMAX
Package Thermal Resistance
θJA 10-lead ePAD MSOP................................... 63°C/W
Electrical Characteristics
Tj = 25ºC, bold values indicate -40ºC<Tj<+125ºC; Vin = 5V; unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
Regulation
Feedback Voltage
Reference
(+/- 1%)
0.792
0.8
0.808
V
Feedback Voltage
Reference
(+/- 2% over temp)
0.784
0.8
0.816
V
Feedback Bias Current
150
350
nA
Output Voltage Line
Regulation
0.03
% / V
Output Voltage Load
Regulation
0.5
%
Output Voltage Total
Regulation
3V
≤ VIN ≤ 14.5V; 1A ≤ IOUT ≤ 10A
(VOUT = 2.5V) Note 3
0.6
1.5
%
Oscillator Section
Oscillator Frequency
350
400
450
kHz
Maximum Duty Cycle
92
%
Minimum On-Time
Note 3
30
60
ns
Input and VDD Supply
PWM mode supply
current
VCS/EN =Vin- 0.25V; VFB = 0.7V
(output switching but excluding external MOSFET gate
current.)
1.6
3
mA
Shutdown Quiescent
Current (MSOP-10)
VCOMP = 0V
50
150
µA
VCOMP Shutdown
Threshold (MSOP-10)
0.1
0.25
0.35
V
VCOMP Shutdown
Blanking Period (MSOP-
10)
1
4
8
ms
Digital Supply Voltage
(VDD)
VIN >6V
4.7
5
5.3
V
Error Amplifier
DC Gain
70
dB
Transconductance
1.4
mS
Soft Start
Soft Start Current
After time out of internal timer
-13
9
-4
µA
Current Sense
Current Sense Over
Current Trip Point
135
200
275
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com