Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2159 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2159
Description  SYNCHRONOUS-itty??Step-Down Converter IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2159 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2159 Datasheet HTML 1Page - Micrel Semiconductor MIC2159 Datasheet HTML 2Page - Micrel Semiconductor MIC2159 Datasheet HTML 3Page - Micrel Semiconductor MIC2159 Datasheet HTML 4Page - Micrel Semiconductor MIC2159 Datasheet HTML 5Page - Micrel Semiconductor MIC2159 Datasheet HTML 6Page - Micrel Semiconductor MIC2159 Datasheet HTML 7Page - Micrel Semiconductor MIC2159 Datasheet HTML 8Page - Micrel Semiconductor MIC2159 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Micrel
MIC2159
October 2006
2
M9999-101206
Ordering Information
Part Number
Output Voltage
Frequency
Juction Temperature
Range
Package
MIC2159YMME
Adj
400KHz
-40
°C to +125°C
10-lead ePAD MSOP
Pin Configuration
10-lead e-PAD MSOP (MME)
Pin Description
Pin Number
(MSOP-10)
Pin Name
Pin Function
1
VIN
Supply voltage (Input): 3V to 14.5V
2
VDD
5V Internal Linear Regulator (Output): VDD is the external MOSFET gate drive supply voltage
and an internal supply bus for the IC. When Vin is ≤5V, VDD should be connected to Vin.
3
CS
Current Sense. Current-limit comparator non-inverting input. The current limit is sensed across
the FET during the ON time. The current can be set by the resistor in series with the CS pin.
4
COMP/EN
Compensation (Input): Dual function pin. Pin for external compensation. If this pin is pulled
below 0.2V, with the reference fully up the device shuts down (50
µA typical current draw)
5
FB
Feedback (Input): Input to error amplifier. Regulates error amplifier to 0.8V.
6
GND
Ground (Return)
7
LSD
Low-Side Drive (Output): High-current driver output for external synchronous MOSFET.
8
VSW
Switch (Return): High-side MOSFET driver return
9
HSD
High-Side Drive (Output): High current output-driver for the high-side MOSFET.
When Vin is below 5v, 2.5v threshold FETs should be used. At Vin > 5V, 4.5V threshold FETs
should be used.
10
BST
Boost (Input): Provides the drive voltage for the high-side MOSFET driver. The gate drive
voltage is higher than the source voltage by VIN minus a diode drop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com