Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2159 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2159
Description  SYNCHRONOUS-itty??Step-Down Converter IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2159 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2159 Datasheet HTML 9Page - Micrel Semiconductor MIC2159 Datasheet HTML 10Page - Micrel Semiconductor MIC2159 Datasheet HTML 11Page - Micrel Semiconductor MIC2159 Datasheet HTML 12Page - Micrel Semiconductor MIC2159 Datasheet HTML 13Page - Micrel Semiconductor MIC2159 Datasheet HTML 14Page - Micrel Semiconductor MIC2159 Datasheet HTML 15Page - Micrel Semiconductor MIC2159 Datasheet HTML 16Page - Micrel Semiconductor MIC2159 Datasheet HTML 17Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Micrel
MIC2159
October 2006
13
M9999-101206
The transfer function with R1, C1, and C2 for the internal
gm error amplifier can be approximated by the following
equation:
⎥
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
+
⋅
⋅
⋅
+
⋅
+
⋅
⋅
⋅
+
⋅
=
2
C
1
C
S
2
C
1
C
1
R
1
2
C
1
C
S
1
C
S
1
R
1
g
z
Amplifier
Error
m
)
(
)
(
_
The above equation can be simplified by assuming
C2<<C1,
()⎥⎦
⎤
⎢
⎣
⎡
⋅
⋅
+
⋅
⋅
⋅
⋅
+
⋅
=
S
2
C
1
R
1
1
C
S
1
C
S
1
R
1
g
z
Amplifier
Error
m
)
(
)
(
_
From the above transfer function, one can see that R1
and C1 introduce a zero and R1 and C2 a pole at the
following frequencies:
Fzero= 1/2 π × R1 × C1
Fpole = 1/2 π × C2 × R1
Fpole@origin = 1/2 π × C1
Figures 7 and 8 show the gain and phase curves for the
above transfer function with R1 = 9.3k, C1 = 1000pF, C2
= 100pF, and gm = .005Ω–1. It can be seen that at 50
kHz, the error amplifier exhibits approximately 45° of
phase margin.
Figure 7. Error Amplifier Gain Curve
Figure 8. Error Amplifier Phase Curve
Total Open-Loop Response
The open-loop response for the MIC2159 controller is
easily obtained by adding the power path and the error
amplifier gains together, since they already are in Log
scale. It is desirable to have the gain curve intersect zero
dB at tens of kilohertz, this is commonly called crossover
frequency; the phase margin at crossover frequency
should be at least 45°. Phase margins of 30° or less
cause the power supply to have substantial ringing when
subjected to transients, and have little tolerance for
component or environmental variations.
Figures 9 and 10 show the open-loop gain and phase
margin and it can be seen from Figure 9 that the gain
curve intersects the 0dB at approximately 50kHz, and
from Figure 10 that at 50kHz, the phase shows
approximately 50° of margin.
Figure 9. Open-Loop Gain Margin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com