Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002 Datasheet (PDF) - Analog Devices

ADPA7002 Datasheet PDF - Analog Devices
Part # ADPA7002
Download  ADPA7002 Download
File Size   1827.38 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier

ADPA7002 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPA7002 Datasheet PDF - Analog Devices

Part # ADPA7002
Download  ADPA7002 Click to download

File Size   1827.38 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier

ADPA7002 Datasheet (HTML) - Analog Devices


ADPA7002 Product details

FEATURES
► Output P1dB: 28 dBm (typical at 34 GHz to 44 GHz)
► PSAT: 29.5 dBm (typical at 24 GHz to 34 GHz)
► Gain: 15 dB (typical at 34 GHz to 44 GHz)
► IP3: 38 dBm (typical)
► Integrated power detector
► Supply voltage: 5 V at 700 mA
► 16-terminal, 6 mm × 6 mm, ceramic, high frequency, air cavity
package
APPLICATIONS
► Military
► Test instrumentation
► Communications




Similar Part No. - ADPA7002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA7002C-KIT AD-ADPA7002C-KIT Datasheet
565Kb / 23P
GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
2/2019-Revision 0
ADPA7002CHIP AD-ADPA7002CHIP Datasheet
565Kb / 23P
GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
2/2019-Revision 0
More results


Similar Description - ADPA7002

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC459 HITTITE-HMC459_09 Datasheet
277Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
logo
Analog Devices
ADPA7008CHIP AD-ADPA7008CHIP Datasheet
403Kb / 26P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
3/2021-Revision 0
ADPA7007 AD-ADPA7007 Datasheet
589Kb / 23P
20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
7/2020-Revision 0
HMC1040CHIPS AD-HMC1040CHIPS Datasheet
349Kb / 14P
20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
4/2018-Revision 0
HMC1082CHIP AD-HMC1082CHIP Datasheet
378Kb / 15P
5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier
8/2020-Rev. A to Rev. B
ADPA7005CHIP AD-ADPA7005CHIP Datasheet
517Kb / 23P
GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
2/2019-Revision 0
ADPA7006CHIP AD-ADPA7006CHIP Datasheet
460Kb / 24P
18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
7/2019-Revision 0
ADPA7008 AD-ADPA7008 Datasheet
2Mb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
Rev. 0
ADPA7005-EVALZ AD-ADPA7005-EVALZ Datasheet
287Kb / 6P
Evaluating the ADPA7005 18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com